Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-643ED Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # L-643ED
Description  2.37 x 4.88 x 8.6mm TOMBSTONE TYPE LED LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

L-643ED Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  L-643ED Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L-613XX
2.37x4.88x8.6mm TOMBSTONE TYPE LED LAMP
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(mcd)10mA
Part No.
Raw
Material
Emitted
Color
Lens Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
View
Angle
(deg)
L-613HD
GaP
Red
Red Diffused
700
2.1
2.8
6.0
100
L-613GD
GaP
Green
Green Diffused
565
2.1
2.8
12.5
100
L-613YD
GaAsP/GaP
Yellow
Yellow Diffused
585
2.1
2.8
12.5
100
L-613ED
GaAsP/GaP
Hi.effi Red
Red Diffused
635
2.0
2.8
15.0
100
L-613SRD
GaAlAs
Super Red
Red Diffused
660
1.8
2.4
100
100
L-643XX
5.0x5.0mm SQUARE LED LAMP
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(mcd)10mA
Part No.
Raw
Material
Emitted
Color
Lens Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
View
Angle
(deg)
L-643HD
GaP
Red
Red Diffused
700
2.1
2.8
5.0
150
L-643GD
GaP
Green
Green Diffused
565
2.1
2.8
10.0
150
L-643YD
GaAsP/GaP
Yellow
Yellow Diffused
585
2.1
2.8
10.0
150
L-643ED
GaAsP/GaP
Hi.effi Red
Red Diffused
635
2.0
2.8
12.0
150
L-643SRD
GaAlAs
Super Red
Red Diffused
660
1.8
2.4
80.0
150
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - L-643ED

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-601 RHOMBUS-IND-L-601 Datasheet
26Kb / 1P
   POWER INDUCTOR
L-603 RHOMBUS-IND-L-603 Datasheet
20Kb / 1P
   Inductor
L-611 RHOMBUS-IND-L-611 Datasheet
22Kb / 1P
   Leads are #21 AWG
L-61100 RHOMBUS-IND-L-61100 Datasheet
17Kb / 1P
   Radial Lead Mini Inductors
L-61101 RHOMBUS-IND-L-61101 Datasheet
17Kb / 1P
   Radial Lead Mini Inductors
More results

Similar Description - L-643ED

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TLN-G4SF-513 TAITRON-TLN-G4SF-513 Datasheet
247Kb / 6P
   2mm x 5mm Rectangular Lamp LED
TLN-H4Q5-583 TAITRON-TLN-H4Q5-583 Datasheet
245Kb / 6P
   5mm x 5mm Square Lamp LED
logo
Kingbright Corporation
APG0603SURC-TT KINGBRIGHT-APG0603SURC-TT_17 Datasheet
308Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603VGC-TT-5MAV KINGBRIGHT-APG0603VGC-TT-5MAV_17 Datasheet
307Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
APG0603SURC-TT TO-GRACE-APG0603SURC-TT Datasheet
826Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603SYC-TT TO-GRACE-APG0603SYC-TT Datasheet
828Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
APG0603VGC-TT-5MAV TO-GRACE-APG0603VGC-TT-5MAV Datasheet
821Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
KPG-0603PBC-TT-5MAV TO-GRACE-KPG-0603PBC-TT-5MAV Datasheet
880Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
logo
SunLED Corporation
XZDG68W5MAV-3 SUNLED-XZDG68W5MAV-3 Datasheet
264Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
logo
Kingbright Corporation
APG0603SEC-E-TT KINGBRIGHT-APG0603SEC-E-TT_17 Datasheet
308Kb / 4P
   0.65 x 0.35 x 0.2 mm SMD Chip LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com