Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM150XG-26L07 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TM150XG-26L07
Description  TFT COLOR LCD MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TM150XG-26L07 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TM150XG-26L07 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM150XG-26L07 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM150XG-26L07 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM150XG-26L07 Datasheet HTML 9Page - List of Unclassifed Manufacturers TM150XG-26L07 Datasheet HTML 10Page - List of Unclassifed Manufacturers TM150XG-26L07 Datasheet HTML 11Page - List of Unclassifed Manufacturers TM150XG-26L07 Datasheet HTML 12Page - List of Unclassifed Manufacturers TM150XG-26L07 Datasheet HTML 13Page - List of Unclassifed Manufacturers TM150XG-26L07 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
(5)
Water drop on LCD surface
Please do not leave LCD module with water drop. When the display surface gets
water drop, please wipe it off with cotton swab or soft cloth immediately, otherwise
display surface will be deteriorated.
If water gets in inside of LCD module, circuit may be damaged.
(6)
Please make sure that LCD module is not warped or twisted at installation into
system. Even temporary warp or twist may be the cause for failure.
(7)
Mechanical stress
Please be careful not to apply strong mechanical stress like drop or shock to LCD
module. Such stress may cause break of display glass and CFL or may be the
cause for failure.
(8)
Pressure to display surface
Please be careful not to apply strong pressure to display surface. Such pressure
may cause scratches at surface or may be the cause of failure.
(9)
Protection against scratch
Please be careful not to hit, press or rub the display surface with hard material like
tools. In addition, please do not put heavy or hard material on display surface, and
do not stack LCD modules. Polarizer at front surface can be easily scratched.
(10) Plugging in of connector
Please be careful not to apply strong stress to connector part of LCD module at
plugging in or out, because strong stress may damage the inside connection. At
plugging in connector, place LCD module on the flat surface and hold the backside
of connector on LCD module. Please make sure that connector is plugged in
correctly. Insecure connection may be the cause for failure during operation.
In addition, please be careful not to put the connecting cable between cabinet of
system and LCD module at installing LCD module into system.
(11) Handling of CFL cable and FPC (Flexible Printed Circuit)
Please be careful not to pull or scratch CFL cable, because CFL or soldered part of
cable may be damaged consequently.
Also FPC should not be pulled or scratched.
(12) Switching off before plugging in connector
Please make sure that power is switched off before plugging in connector.
If power is on at plugging in or out, circuit of LCD module may be damaged.
When LCD is switched on for test or inspection, please make sure that power
supply and input signals of driving system meet the specified power sequence.
(13) Temperature dependence of LCD display
Response speed (optical response) of LCD display is dependent on temperature.
Under low temperature, response speed is slower.
Also brightness and chromaticity change slightly depending on temperature.
(14) Slow light-up of CFL under low temperature
Under low temperature, start-up of CFL gets difficult. (The time from switch-on to
stable lighting becomes longer.)
As characteristic of CFL, operation under low temperature makes the life time
shorter. To avoid this, it is recommended to operate under normal temperature
(15) Condensation
LCD module may get condensation on its display surface and inside in the
circumstance where temperature changes much in short time.
Condensation can cause deterioration or failure. Therefore, please be careful not
to get condensation.
Tottori SANYO Electric Co., Ltd.
TM150XG-26L07
Ver.1 Page 10/13


Similar Part No. - TM150XG-26L07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-26L06 ETC1-TM150XG-26L06 Datasheet
280Kb / 18P
   TFT COLOR LCD MODULE
More results

Similar Description - TM150XG-26L07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com