Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62436FP Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M62436FP
Description  SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62436FP Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M62436FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62436FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62436FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62436FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62436FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62436FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62436FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62436FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M62436FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Regarding to the outside registers
R16(R13),R17(R14),R18(R15)
C10
0.22µ
7
8
9
29
R16
R17
R18
FOCUS position "H"
FOCUS position "L"
1. The setting of the FOCUS position "H"
R16 +R17 + R18
R17 + R18
2. The setting of the FOCUS position "L"
R16 +R17 + R18
R18
(Example)
In the case of R16 = 390
Ω,R17 = 200Ω,R18 = 390
FOCUS position "H" = 60%
FOCUS position "L" = 40%
MITSUBISHI
ELECTRIC
(7/10)
The resisters of R16(R13),R17(R14),R18(R15) can be set the
FOCUS position.
*This figure shows only the side channel.
.
.
.
.
*please keep the following formula.
R16+R17+R18 = 1K
.
.


Similar Part No. - M62436FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
More results

Similar Description - M62436FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
   SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
logo
Renesas Technology Corp
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
   Sound Controller With SRS Focus & SRS Surround
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
   SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
logo
New Japan Radio
NJM2193 NJRC-NJM2193 Datasheet
67Kb / 8P
   FOCUS & SRS AUDIO PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
STMicroelectronics
TDA7464 STMICROELECTRONICS-TDA7464 Datasheet
174Kb / 21P
   DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SRS SURROUND SOUND AND VOICE CANCELLER
logo
New Japan Radio
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Mitsubishi Electric Sem...
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
   SRS 3D SOUND PROCESSOR
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
   SRS 3D SOUND PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com