Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSY39L400554EEK Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SSY39L400554EEK
Description  2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SSY39L400554EEK Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SSY39L400554EEK Datasheet HTML 1Page - Silicon Storage Technology, Inc SSY39L400554EEK Datasheet HTML 2Page - Silicon Storage Technology, Inc SSY39L400554EEK Datasheet HTML 3Page - Silicon Storage Technology, Inc SSY39L400554EEK Datasheet HTML 4Page - Silicon Storage Technology, Inc SSY39L400554EEK Datasheet HTML 5Page - Silicon Storage Technology, Inc SSY39L400554EEK Datasheet HTML 6Page - Silicon Storage Technology, Inc SSY39L400554EEK Datasheet HTML 7Page - Silicon Storage Technology, Inc SSY39L400554EEK Datasheet HTML 8Page - Silicon Storage Technology, Inc SSY39L400554EEK Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
2 Mbit / 4 Mbit / 8 Mbit Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
3
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
Data# Polling (DQ7)
When the SST39LF200A/400A/800A and SST39VF200A/
400A/800A are in the internal Program operation, any
attempt to read DQ7 will produce the complement of the
true data. Once the Program operation is completed, DQ7
will produce true data. The device is then ready for the next
operation. During internal Erase operation, any attempt to
read DQ7 will produce a ‘0’. Once the internal Erase opera-
tion is completed, DQ7 will produce a ‘1’. The Data# Polling
is valid after the rising edge of fourth WE# (or CE#) pulse
for Program operation. For Sector-, Block- or Chip-Erase,
the Data# Polling is valid after the rising edge of sixth WE#
(or CE#) pulse. See Figure 6 for Data# Polling timing dia-
gram and Figure 17 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating 1s
and 0s, i.e., toggling between 1 and 0. When the internal
Program or Erase operation is completed, the DQ6 bit will
stop toggling. The device is then ready for the next opera-
tion. The Toggle Bit is valid after the rising edge of fourth
WE# (or CE#) pulse for Program operation. For Sector-,
Block- or Chip-Erase, the Toggle Bit is valid after the rising
edge of sixth WE# (or CE#) pulse. See Figure 7 for Toggle
Bit timing diagram and Figure 17 for a flowchart.
Data Protection
The SST39LF200A/400A/800A and SST39VF200A/400A/
800A provide both hardware and software features to pro-
tect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5
ns will not initiate a write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE#
high will inhibit the Write operation. This prevents inadvert-
ent writes during power-up or power-down.
Software Data Protection (SDP)
The SST39LF200A/400A/800A and SST39VF200A/400A/
800A provide the JEDEC approved Software Data Protec-
tion scheme for all data alteration operations, i.e., Program
and Erase. Any Program operation requires the inclusion of
the three-byte sequence. The three-byte load sequence is
used to initiate the Program operation, providing optimal
protection from inadvertent Write operations, e.g., during
the system power-up or power-down. Any Erase operation
requires the inclusion of six-byte sequence. This group of
devices are shipped with the Software Data Protection per-
manently enabled. See Table 4 for the specific software
command codes. During SDP command sequence, invalid
commands will abort the device to Read mode within TRC.
The contents of DQ15-DQ8 can be VIL or VIH, but no other
value, during any SDP command sequence.
Common Flash Memory Interface (CFI)
The SST39LF200A/400A/800A and SST39VF200A/400A/
800A also contain the CFI information to describe the char-
acteristics of the device. In order to enter the CFI Query
mode, the system must write three-byte sequence, same
as Software ID Entry command with 98H (CFI Query com-
mand) to address 5555H in the last byte sequence. Once
the device enters the CFI Query mode, the system can
read CFI data at the addresses given in Tables 5 through 9.
The system must write the CFI Exit command to return to
Read mode from the CFI Query mode.


Similar Part No. - SSY39L400554EEK

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SSY COOPER-SSY Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
DOMINANT Semiconductors
SSY-CLD-J1 DOMINANT-SSY-CLD-J1 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-J2 DOMINANT-SSY-CLD-J2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
SSY-CLD-JK2-1-I2 DOMINANT-SSY-CLD-JK2-1-I2 Datasheet
967Kb / 14P
   SpiceLED
SSY-CLD-JK2-I2 DOMINANT-SSY-CLD-JK2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
More results

Similar Description - SSY39L400554EEK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A Datasheet
340Kb / 30P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
   8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com