Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VCXH1632245 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74VCXH1632245
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH1632245 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74VCXH1632245 Datasheet HTML 3Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 4Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 5Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 6Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 7Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 8Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 9Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 10Page - STMicroelectronics 74VCXH1632245 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74VCXH1632245
7/17
Table 7: Dynamic Switching Characteristics
Table 8: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tPHLn|
2) Parameter guaranteed by design
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA =25 °C
-40to85°C
Min.
Typ.
Max.
Min.
Max.
VOLPA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCB
0.25
V
1.8
3.3
0.35
2.5
3.3
0.35
VOLPB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCA
0.25
V
1.8
3.3
0.25
2.5
3.3
0.6
VOLVA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCB
-0.25
V
1.8
3.3
-0.25
2.5
3.3
-0.35
VOLVB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCA
-0.25
V
1.8
3.3
-0.25
2.5
3.3
-0.6
VOHVA
Dynamic High Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCB
2.1
V
1.8
3.3
2.6
2.5
3.3
2.6
VOHVB
Dynamic High Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCCA
1.7
V
1.8
3.3
1.7
2.5
3.3
2.0
Symbol
Parameter
Test Condition TA = -40 to 85 °C
Unit
VCCB= 1.8 ± 0.15V
VCCB= 1.8 ± 0.15V
VCCB= 2.5 ± 0.2V
VCCA= 2.5 ± 0.2V
VCCA= 3.3 ± 0.3V
VCCA= 3.3 ± 0.3V
Min.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL
Propagation Delay Time
An to Bn
1.0
5.8
1.0
6.2
1.0
4.4
ns
tPLH tPHL
Propagation Delay Time
Bn to An
1.0
5.5
1.0
5.1
1.0
4.0
tPZL tPZH
Output Enable Time
G to An
1.0
5.3
1.0
5.1
1.0
4.0
ns
tPZL tPZH
Output Enable Time
G to Bn
1.0
8.3
1.0
8.2
1.0
4.6
tPLZ tPHZ
Output Disable Time
G to An
1.0
5.3
1.0
5.1
1.0
4.0
ns
tPLZ tPHZ
Output Disable Time
G to Bn
1.0
8.3
1.0
8.2
1.0
4.6
tOSLH
tOSHL
Output To Output Skew
Time (note1, 2)
0.5
0.5
0.75
ns


Similar Part No. - 74VCXH1632245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
ON Semiconductor
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
ON Semiconductor
74VCXH16373DT ONSEMI-74VCXH16373DT Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373DTR ONSEMI-74VCXH16373DTR Datasheet
246Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
More results

Similar Description - 74VCXH1632245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com