Part Name
         Description
2SD973A

 Silicon NPN epitaxial planer type(For low-frequency power amplification) ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 2 page
background image
2
Transistor
2SD973, 2SD973A
PC — Ta
IC — VCE
IC — IB
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
VCER — RBE
0
160
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
010
8
26
4
0
1.50
1.25
1.00
0.75
0.50
0.25
Ta=25˚C
I
B=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
Collector to emitter voltage V
CE
(V)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
V
CE=10V
Ta=25˚C
Base current I
B
(mA)
0.01
0.1
1
10
0.03
0.3
3
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
600
500
400
300
200
100
Ta=75˚C
25˚C
–25˚C
V
CE=10
Collector current I
C
(A)
–1
–3
–10
–30
–100
0
200
160
120
80
40
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
50
40
30
20
10
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0.1
1
10
100
0.3
3
30
0
120
100
80
60
40
20
I
C=10mA
Ta=25˚C
2SD973A
2SD973
Base to emitter resistance R
BE
(k
Ω)
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SD1011Silicon NPN epitaxial planer type For low-frequency amplification 1 2 Panasonic Semiconductor
2SD1934Silicon NPN epitaxial planer type For low-frequency power amplification 1 2 Panasonic Semiconductor
2SD875Silicon NPN epitaxial planer type For low-frequency power amplification 1 2 Panasonic Semiconductor
2SD2621Silicon NPN epitaxial planar type For low-frequency driver amplification 1 2 3 Panasonic Semiconductor
2SD1244Silicon NPN epitaxial planer type For low-frequency power amplification 1 2 Panasonic Semiconductor
2SD2321Silicon NPN epitaxial planer type For low-frequency power amplification 1 2 Panasonic Semiconductor
2SD965Silicon NPN epitaxial planer type For low-frequency power amplification 1 2 Panasonic Semiconductor
2SC1317Silicon NPN epitaxial planer type For low-frequency power amplification and driver amplification 1 2 3 Panasonic Semiconductor
2SD966Silicon NPN epitaxial planer type For low-frequency power amplification 1 2 Panasonic Semiconductor
XN01558Silicon NPN epitaxial planar type For low-frequency amplification 1 2 3 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl