Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222212016471 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 222212016471
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222212016471 Datasheet(HTML) 7 Page - Vishay Siliconix

  222212016471 Datasheet HTML 1Page - Vishay Siliconix 222212016471 Datasheet HTML 2Page - Vishay Siliconix 222212016471 Datasheet HTML 3Page - Vishay Siliconix 222212016471 Datasheet HTML 4Page - Vishay Siliconix 222212016471 Datasheet HTML 5Page - Vishay Siliconix 222212016471 Datasheet HTML 6Page - Vishay Siliconix 222212016471 Datasheet HTML 7Page - Vishay Siliconix 222212016471 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
120 ATC
Aluminum Capacitors
Axial High Temperature, High Ripple Current
Vishay BCcomponents
Document Number: 28336
For technical questions contact: aluminumcaps2@vishay.com
www.vishay.com
Revision: 28-Oct-05
147
Table 5
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(QUICK REFERENCE)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4/
EN130300
subclause 4.13
Tamb = 125 °C; UR applied;
4000 hours
Tamb = 150 °C; UR applied;
1000 hours
∆C/C: ±15%
tan
δ≤ 1.3 × spec. limit
Z
≤ 2 × spec. limit
IL5 ≤ spec. limit
Useful life
CECC 30301
subclause 1.8.1
Tamb = 125 °C; UR and IR applied;
8000 hours
∆C/C: ±45%
tan
δ≤ 3 × spec. limit
Z
≤ 3 × spec. limit
IL5 ≤ spec. limit
no short or open circuit
total failure percentage:
≤1%
Shelf life
(storage at high
temperature)
IEC 60384-4/
EN130300
subclause 4.17
Tamb = 125 °C; no voltage applied;
1000 hours (100 V: 500 hours)
Tamb = 150 °C; no voltage applied;
500 hours for voltages:
≤63 V
after test: UR to be applied for 30 minutes,
24 to 48 hours before measurement
∆C/C, tan δ, Z:
for requirements
see ‘Endurance test’ above
IL5 ≤ 2 × spec. limit
Reverse voltage
IEC 60384-4/
EN130300
subclause 4.15
Tamb = 125 °C:
125 hours at U =
−1V
followed by 125 hours at UR
∆C/C: ±20%
tan
δ≤ spec. limit
IL5 ≤ spec. limit
Vibration
IEC 60068-2
subclause 4.15
test method Fc
10 to 2000 Hz; 1.5 mm or 20 g (whichever is less
severe);
in 3 directions; 2.5 hours per direction
no visible damage;
no leakage of electrolyte;
markings legible
∆C/C: ±5% with respect to initial
measurement


Similar Part No. - 222212016471

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
222212018221 FREESCALE-222212018221 Datasheet
813Kb / 16P
   RF Power Field Effect Transistor
logo
NXP Semiconductors
222212018470 NXP-222212018470 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
More results

Similar Description - 222212016471

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
Revision: 09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com