Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222212016102 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 222212016102
Description  Aluminum Capacitors Axial High Temperature, High Ripple Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222212016102 Datasheet(HTML) 6 Page - Vishay Siliconix

  222212016102 Datasheet HTML 1Page - Vishay Siliconix 222212016102 Datasheet HTML 2Page - Vishay Siliconix 222212016102 Datasheet HTML 3Page - Vishay Siliconix 222212016102 Datasheet HTML 4Page - Vishay Siliconix 222212016102 Datasheet HTML 5Page - Vishay Siliconix 222212016102 Datasheet HTML 6Page - Vishay Siliconix 222212016102 Datasheet HTML 7Page - Vishay Siliconix 222212016102 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
120 ATC
Vishay BCcomponents
Aluminum Capacitors
Axial High Temperature, High Ripple Current
www.vishay.com
For technical questions contact: aluminumcaps2@vishay.com
Document Number: 28336
146
Revision: 28-Oct-05
RIPPLE CURRENT AND USEFUL LIFE
Table 4
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
Tamb (C)
o
120
130
140
150
JW64
lifetime multiplier
I A
R
I
(1)
.
Fig.9 Multiplier of useful life as a function of ambient temperature and ripple current load
IA = actual ripple current at 10 kHz.
IR = rated ripple current at 10 kHz, 125 °C.
(1) Useful life at 125
°C and I
R applied: 8 000 hours.
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 16 to 40 V
case sizes
10
× 30 to 15 × 30 mm
UR = 16 to 40 V
case sizes
18
× 30 to 21 × 38 mm
UR = 63 and 100 V
case sizes
10
× 30 to 15 × 30 mm
UR = 63 and 100 V
case sizes
18
× 30 to 21 × 38 mm
50
0.37
0.54
0.23
0.44
100
0.48
0.63
0.32
0.56
300
0.69
0.75
0.53
0.76
1000
0.86
0.81
0.77
0.88
3000
0.96
0.87
0.93
0.94
≥10000
1.00
1.00
1.00
1.00


Similar Part No. - 222212016102

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
222212018221 FREESCALE-222212018221 Datasheet
813Kb / 16P
   RF Power Field Effect Transistor
logo
NXP Semiconductors
222212018470 NXP-222212018470 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 3, 12/2008
More results

Similar Description - 222212016102

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
120ATC VISHAY-120ATC_12 Datasheet
204Kb / 7P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 13-Dec-12
120ATC VISHAY-120ATC_08 Datasheet
112Kb / 8P
   Aluminum Capacitors Axial High Temperature, High Ripple Current
Revision: 21-Apr-08
126ALX VISHAY-126ALX_V01 Datasheet
203Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_V01 Datasheet
196Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
01-Jan-2023
120ATC VISHAY-120ATC_17 Datasheet
214Kb / 7P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
Revision: 09-Jan-17
126ALX VISHAY-126ALX Datasheet
219Kb / 9P
   Aluminum Electrolytic Capacitors Axial High Temperature, High Ripple Current
118AHT VISHAY-118AHT Datasheet
150Kb / 11P
   Aluminum Capacitors Axial High Temperature
Revision: 30-May-08
118AHT VISHAY-118AHT_17 Datasheet
245Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
Revision: 20-Apr-17
118AHT VISHAY-118AHT_V01 Datasheet
223Kb / 11P
   Aluminum Electrolytic Capacitors Axial High Temperature
01-Jan-2023
logo
List of Unclassifed Man...
SERIE118AHT ETC-SERIE118AHT Datasheet
1,008Kb / 19P
   Aluminum electrolytic capacitors Axial High Temperature
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com