Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK403-430 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK403-430
Description  Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK403-430 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK403-430 Datasheet HTML 1Page - Sanyo Semicon Device STK403-430 Datasheet HTML 2Page - Sanyo Semicon Device STK403-430 Datasheet HTML 3Page - Sanyo Semicon Device STK403-430 Datasheet HTML 4Page - Sanyo Semicon Device STK403-430 Datasheet HTML 5Page - Sanyo Semicon Device STK403-430 Datasheet HTML 6Page - Sanyo Semicon Device STK403-430 Datasheet HTML 7Page - Sanyo Semicon Device STK403-430 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
No. 7374-2/8
STK403-430
Item
Type No.
STK403-430
STK403-440
STK403-450
Output 1 (10%/1 kHz)
30 W
× 6 ch
40 W
× 6 ch
45 W
× 6 ch
Output 2 (0.6%/20 Hz to 20 kHz)
20 W
× 6 ch
25 W
× 6 ch
30 W
× 6 ch
Maximum supply voltage (No signal)
±36 V
±38 V
±40 V
Maximum supply voltage (6
Ω)
±34 V
±36 V
±38 V
Recommended supply voltage (6
Ω)
±23 V
±26 V
±28 V
Package
78.0 mm
× 32.0 mm × 9.0 mm
Series Organization
Specifications
Maximum Ratings at Ta = 25°C
These products are organized as a series based on their output capacity.
Operating Characteristics at Tc = 25°C, RL = 6 Ω (noninductive load), Rg = 600 Ω, VG = 30 dB
Notes: 1. 1ch drive
2. Unless otherwise noted, use a constant-voltage supply for the power supply used during inspection.
3. Use the transformer power supply circuit shown in the figure below for allowable load shorted time measurement and output noise voltage
measurement.
4. The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50 Hz) power supply should be used to
minimize the influence of AC primary side flicker noise on the reading.
5. Design applications so that the minus pre-VCC line (pin 17) is the lowest potential applied to the IC at all times.
6. A limiting resistor that assures that the maximum operating current flowing into the standby pin (pin 23) does not exceed the maximum rating must
be included in application circuits. This IC operates when a voltage higher than VBE (about 0.6 V) is applied to the standby pin.
4700
µF
4700
µF
DBA30C
500
500
+VCC
--VCC
+
+
Designated Transformer Power Supply (RP-25 equivalent)
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage (No signal)
VCC max(0)
±36
V
Maximum supply voltage
VCC max(1) RL ≥ 6 Ω
±34
V
Minimum operating supply voltage
VCC min
±10
V
Maximum operation flow-in current (pin 23)
IST OFF max
1.2
mA
Thermal resistance
θ j-c
Per power transistor
3.6
°C/W
Junction temperature
Tj max
Both the Tj max and the Tc max conditions must be met.
150
°C
Operating IC substrate temperature
Tc max
125
°C
Storage temperature
Tstg
–30 to +125
°C
Allowable load shorted time *4
ts
VCC = ±23.0 V, RL = 6 Ω, f = 50 Hz, PO = 20 W, 1ch drive
0.3
s
Parameter
Symbol
Conditions*1
Ratings
Unit
VCC (V)
f (Hz)
PO (W)
THD (%)
min
typ
max
PO (1)
±23.0
20 to 20 k
0.6
18
20
Output power *1
PO (2)
±23.0
1 k
10
30
W
THD (1)
±23.0
20 to 20 k
5.0
VG = 30 dB
0.6
Total harmonic distortion *1
THD (2)
±23.0
1 k
5.0
VG = 30 dB
0.03
%
Frequency characteristics
fL, fH
±23.0
1.0
+0 –3 dB
20 to 50 k
Hz
Input impedance
ri
±23.0
1 k
1.0
55
k
Output noise voltage *2
VNO
±28.0
Rg = 2.2 k
1.0
mVrms
Quiescent current
ICCO
±28.0
No loading
60
110
180
mA
Neutral voltage
VN
±28.0
–70
0
+70
mV
Current flowing into pin 23
IST ON
±23.0
V23 = 5 V, current Limiting
0
mA
in standby mode *6
resistance: 6.2 k
Current flowing into pin 23
IST OFF
±23.0
0.4
1.2
mA
in operating mode *6


Similar Part No. - STK403-430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK403-070 ETC1-STK403-070 Datasheet
281Kb / 1P
   AMP SCHEMATIC DIAGRAM
logo
Sanyo Semicon Device
STK403-090 SANYO-STK403-090 Datasheet
114Kb / 6P
   STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
STK403-100 SANYO-STK403-100 Datasheet
114Kb / 6P
   STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
STK403-120 SANYO-STK403-120 Datasheet
114Kb / 6P
   STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
STK403-130 SANYO-STK403-130 Datasheet
114Kb / 6P
   STK403-130 / 2 channels AF power amplifier / Sanyo / 15 Pins
More results

Similar Description - STK403-430

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
STK404-230-E SANYO-STK404-230-E Datasheet
363Kb / 12P
   One-Channel Class AB Audio Power Amplifier IC 100W
STK404-200-E SANYO-STK404-200-E Datasheet
353Kb / 11P
   One-Channel Class AB Audio Power Amplifier IC 60W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
logo
List of Unclassifed Man...
PA2030A ETC1-PA2030A Datasheet
522Kb / 1P
   AB Class Audio Power Amplifier, MOSFET IC Power Amp
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com