Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6221AD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6221AD
Description  QUAD DARLINGTON SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221AD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6221AD Datasheet HTML 6Page - STMicroelectronics L6221AD Datasheet HTML 7Page - STMicroelectronics L6221AD Datasheet HTML 8Page - STMicroelectronics L6221AD Datasheet HTML 9Page - STMicroelectronics L6221AD Datasheet HTML 10Page - STMicroelectronics L6221AD Datasheet HTML 11Page - STMicroelectronics L6221AD Datasheet HTML 12Page - STMicroelectronics L6221AD Datasheet HTML 13Page - STMicroelectronics L6221AD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Figure 22 : Peak Collector Current versus Duty
Cycle for 1 or 2 Paralleled Outputs
Driven (L6221N)
Figure 21 : Peak Collector Current versus Duty
Cycle for 1 or 2 Paralleled Outputs
Driven (L6221AS)
Figure 20 : Saturation Voltage versus Collector
Current
L6221AS - L6221AD - L6221N
10/15


Similar Part No. - L6221AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6221AD STMICROELECTRONICS-L6221AD Datasheet
163Kb / 15P
   QUAD DARLINGTON SWITCH
More results

Similar Description - L6221AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
   Quad Darlington switch
March 2009 Rev 4
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
   QUAD DARLINGTON SWITCH
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
   QUAD DARLINGTON SWITCH
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
   2A QUAD DARLINGTON SWITCH
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
   QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
   QUAD DARLINGTON POWER DRIVER
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
   QUAD DARLINGTON POWER DRIVER
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com