Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4905BMSTR Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4905BMSTR
Description  HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4905BMSTR Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4905BMSTR Datasheet HTML 3Page - Semtech Corporation SC4905BMSTR Datasheet HTML 4Page - Semtech Corporation SC4905BMSTR Datasheet HTML 5Page - Semtech Corporation SC4905BMSTR Datasheet HTML 6Page - Semtech Corporation SC4905BMSTR Datasheet HTML 7Page - Semtech Corporation SC4905BMSTR Datasheet HTML 8Page - Semtech Corporation SC4905BMSTR Datasheet HTML 9Page - Semtech Corporation SC4905BMSTR Datasheet HTML 10Page - Semtech Corporation SC4905BMSTR Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SC4905A/B
POWER MANAGEMENT
PRELIMINARY
 2002 Semtech Corp.
www.semtech.com
7
This feed forward action provides an immediate duty cycle
adjustment while maintaining a constant oscillator fre-
quency.
A maximum duty cycle can be programmed by connect-
ing a resistor divider from the VFF to the DMAX pin. The
scaling of the VFF signal will set the maximum duty cycle
percentage.
An external error amplifier will provide the error signal to
the FB pin of the SC4905.
A current sense input is provided via the ILIM pin. The
current sense input from a sense resistor is used for the
peak current limit comparator.
Once VDD has exceeded the UVLO (VDD under voltage
lock out) limit, the internal reference, oscillator, drivers and
logic are powered up.
SYNC is a positive edge triggered input with a threshold
set to 0.5*VFF.
By connecting a faster external control signal to the SYNC
pin, the internal oscillator frequency will be synchronized
to the positive edge of the external control signal. In a
single controller operation, SYNC could be grounded or
connected to an external synchronization clock within the
SYNC frequency range (see page 3).
In the Bi-Phase operation mode a very unique oscillator
is utilized to allow two SC4905 to be synchronized
together and work out of phase. This feature is setup by
simple connection of the SYNC input to the RC pin of the
other part. The fastest oscillator automatically becomes
the master, forcing the two PWMs to operate out of
phase. This feature minimizes the input and output
ripples, and reduces stress on the capacitors.
e
c
i
v
e
DO
L
V
U
c
c
V
.
p
y
Te
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
A
5
0
9
4
C
S
V
5
.
4V
4
B
5
0
9
4
C
S
V
5
.
2
1V
5
THEORY OF OPERATION
The SC4905 is a versatile 10 pin BICMOS primary side
voltage mode controller optimized for applications requir-
ing minimum space such as isolated DC-DC and off-line
switching power supplies.
The device contains all of the control and drive circuity
required for isolated or non-isolated power supplies,
where an external error amplifier is used. Fixed oscillator
frequency up to 1MHz can be programmed by an exter-
nal RC network.
The SC4905 is a voltage mode controller, utilizing a feed
forward scheme to accommodate for any variations in
the input supply voltage resulting in a duty cycle
adjustment. This feed forward action results in an
improved dynamic performance of the converter.
The SC4905 also provides a programmable maximum duty
cycle to prevent core saturation when a transformer is used.
As an added level of protection, SC4905 provides a cycle
by cycle peak current limit during an over current condition.
SUPPLY
A single supply, VDD is used to provide the bias for the
internal reference, oscillator, drivers, and logic circuitry
of the SC4905.
PWM CONTROLLER
The SC4905 is a BICMOS primary side voltage mode
controller for use in isolated DC-DC and off-line switch-
ing power supplies. It is a highly integrated solution, re-
quiring few external components.
The device features a high speed oscillator with integrated
feed forward compensation, accurately programmable
maximum duty cycle, voltage mode of operation, line volt-
age monitoring, supply UVLO, low start-up current, low
voltage current limit threshold and user accessible refer-
ence.
Two voltage options are available for the SC4905. The
SC4905A version has a typical VDD under voltage of 4V,
and a 4V reference, while the SC4905B version provides a
12V VDD UVLO, and a 5V reference.
The Oscillator frequency is programmed by a resistor and
a capacitor network connected to the line supply voltage .
Any variations in the input supply voltage result in a duty
cycle adjustment, provided by the change of the oscillator
peak voltage via the VFF pin.
Application Information


Similar Part No. - SC4905BMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905B SEMTECH-SC4905B Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905BIMSTR SEMTECH-SC4905BIMSTR Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905BIMSTR SEMTECH-SC4905BIMSTR Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905BIMSTRT SEMTECH-SC4905BIMSTRT Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905BIMSTRT SEMTECH-SC4905BIMSTRT Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
More results

Similar Description - SC4905BMSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A_06 Datasheet
365Kb / 24P
   High Performance Voltage Mode PWM Controller
SC4905A SEMTECH-SC4905A_16 Datasheet
369Kb / 24P
   High Performance Voltage Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
TL2843B-Q1 TI-TL2843B-Q1_15 Datasheet
286Kb / 18P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
   High performance current mode PWM controller
V1.0
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com