Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1103 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SK1103
Description  Silicon N-Channel Junction FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK1103 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SK1103 Datasheet HTML 1Page - Panasonic Semiconductor 2SK1103 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Silicon Junction FETs (Small Signal)
unit: mm
2SK1103
Silicon N-Channel Junction FET
For switching
Complementary to 2SJ163
s Features
q Low ON-resistance
q Low-noise characteristics
1: Source
JEDEC: TO-236
2: Drain
EIAJ: SC-59
3: Gate
Mini Type Package (3-pin)
s Absolute Maximum Ratings (Ta = 25°C)
Parameter
Gate to Drain voltage
Drain current
Gate current
Allowable power dissipation
Channel temperature
Storage temperature
Symbol
VGDS
ID
IG
PD
Tch
Tstg
Ratings
−65
20
10
150
150
−55 to +150
Unit
V
mA
mA
mW
°C
°C
s Electrical Characteristics (Ta = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Gate to Drain voltage
Gate to Source cut-off voltage
Forward transfer admittance
Drain to Source ON-resistance
Input capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Symbol
IDSS*
IGSS
VGDS
VGSC
| Yfs |
RDS(on)
Ciss
Crss
Conditions
VDS = 10V, VGS = 0
VGS = −30V, VDS = 0
IG = −10µA, VDS = 0
VDS = 10V, ID = 10µA
VDS = 10V, ID = 1mA, f = 1kHz
VDS = 10mV, VGS = 0
VDS = 10V, VGS = 0, f = 1MHz
min
0.2
−65
1.8
max
6
−10
−3.5
Unit
mA
nA
V
V
mS
pF
pF
* IDSS rank classification
Marking Symbol (Example): 4L
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65±0.15
0.65±0.15
3
1
2
0.4±0.2
0.1 to 0.3
typ
−1.5
2.5
300
7
1.5
Runk
IDSS (mA)
Marking Symbol
O
0.2 to 1
4LO
P
0.6 to 1.5
4LP
Q
1 to 3
4LQ
R
2.5 to 6
4LR


Similar Part No. - 2SK1103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SK1101 ETC-2SK1101 Datasheet
168Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
Inchange Semiconductor ...
2SK1101 ISC-2SK1101 Datasheet
270Kb / 2P
   Isc N-Channel MOSFETransistor
logo
Fuji Electric
2SK1101-01MR FUJI-2SK1101-01MR Datasheet
136Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
logo
List of Unclassifed Man...
2SK1101MR ETC-2SK1101MR Datasheet
168Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
2SK1101MR ETC-2SK1101MR Datasheet
169Kb / 4P
   N-CHANNEL SILICON POWER MOS-FET
More results

Similar Description - 2SK1103

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com