Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN2N2944A Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN2N2944A
Description  PNP SILICON SMALL SIGNAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N2944A Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN2N2944A Datasheet HTML 1Page - Microsemi Corporation JAN2N2944A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP SILICON SMALL SIGNAL TRANSISTOR
Qualified per MIL-PRF-19500/382
Devices
Qualified Level
2N2944A
2N2945A
2N2946A
JAN
JANTX
JANTV
MAXIMUM RATINGS
Ratings
Sym
2N2944A
2N2945A
2N2946A
Unit
Collector-Emitter Voltage
VCEO
10
20
35
Vdc
Emitter-Collector Voltage
VECO
10
20
35
Vdc
Collector-Base Voltage
VCBO
15
25
40
Vdc
Emitter-Base Voltage
VEBO
15
25
40
Vdc
Collector Current
IC
100
mAdc
Total Power Dissipation
@ TA = +25
0C
PT
(1)
400
mW
Operating & Storage Junction
Temperature Range
TJ, Tstg
-65 to +200
0C
1)
Derate linearly 2.30 mW/
0C above TA = +250C
TO-46*
(TO-206AB)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 µAdc
2N2944A
2N2945A
2N2946A
V(BR)CEO
10
20
35
Vdc
Emitter-Collector Breakdown Voltage
IE = 10 µAdc
2N2944A
2N2945A
2N2946A
V(BR)ECO
10
20
35
Vdc
Collector-Base Cutoff Current
IC = 10 µAdc, VCB = -15 Vdc
2N2944A
IC = 10 µAdc, VCB = -25 Vdc
2N2945A
IC = 10 µAdc, VCB = -40 Vdc
2N2946A
ICBO
10
10
10
µAdc
µAdc
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - JAN2N2944A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N2904 MICROSEMI-JAN2N2904 Datasheet
57Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
JAN2N2904 MICROSEMI-JAN2N2904 Datasheet
67Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
JAN2N2904A MICROSEMI-JAN2N2904A Datasheet
57Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
JAN2N2904A MICROSEMI-JAN2N2904A Datasheet
67Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
JAN2N2904AL MICROSEMI-JAN2N2904AL Datasheet
57Kb / 2P
   PNP SWITCHING SILICON TRANSISTOR
More results

Similar Description - JAN2N2944A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076_1 Datasheet
30Kb / 3P
   SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N4261 MICROSEMI-2N4261_1 Datasheet
196Kb / 5P
   PNP SMALL SIGNAL SILICON TRANSISTOR
2N2907AUA MICROSEMI-2N2907AUA Datasheet
68Kb / 2P
   PNP SMALL SIGNAL SILICON TRANSISTOR
2N3485A MICROSEMI-2N3485A Datasheet
55Kb / 2P
   PNP SILICON SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
2N6076 FAIRCHILD-2N6076 Datasheet
18Kb / 2P
   SILICON PNP SMALL SIGNAL TRANSISTOR
logo
Microsemi Corporation
2N4261 MICROSEMI-2N4261 Datasheet
157Kb / 4P
   PNP SMALL SIGNAL SILICON TRANSISTOR
logo
Zetex Semiconductors
ZTX500 ZETEX-ZTX500 Datasheet
42Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
ZTX541 DIODES-ZTX541 Datasheet
46Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
logo
Micro Electronics
BC556 MICRO-ELECTRONICS-BC556 Datasheet
286Kb / 4P
   PNP SILICON AF SMALL SIGNAL TRANSISTOR
logo
Diodes Incorporated
ZTX500 DIODES-ZTX500 Datasheet
46Kb / 2P
   PNP SILICON PLANAR SMALL SIGNAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com