Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT05SC1604R Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT05SC1604R
Description  Secure Microcontroller for Smart Cards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT05SC1604R Datasheet(HTML) 1 Page - ATMEL Corporation

  AT05SC1604R Datasheet HTML 1Page - ATMEL Corporation AT05SC1604R Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Secure
Microcontroller
for Smart Cards
AT05SC1604R
Summary
Rev. 1522DS-SMIC-05/02
Features
General
Industry-standard M68HC05 Instruction Set, Including: 8 x 8 bits Unsigned Multiply
Instruction, True Bit Manipulation, Memory-mapped I/O
Operating Voltage: 3.0V ± 10% or 5.0V ± 10%
Meets GSM 11.11 & 11.12 Specifications and EMV 2000 Specification
5.0 MHz Maximum Internal Bus Frequency at 3.0V and 5.0V
ESD Protection to ± 4000V
Bond Pad Layout Conforming to ISO Standard ISO/IEC 7816-2
External Maskable Interrupt on ISO Standard I/O Port (PA0)
Power-saving WAIT and Very Low-power STOP Modes
Power-up Detection
Available as Sawn Wafers or in Industry-standard Packages and Modules
EEPROM
4096 Bytes of EEPROM, Including 16 Control Bytes and 48 OTP Bytes
1 to 64-byte Write/Program/Erase
4 ms Program Time, 4 ms Erase Time
10 Years Data Retention
Typically More than 1,000,000 Write/Erase Cycles
On-chip Charge Pump for EEPROM Programming, Driven by an Internal Oscillator
RAM and ROM
16384 Bytes of ROM, including 16 Bytes Reserved for Vectors
1024 Bytes of RAM with Security Wipe on Selected Areas
Peripherals
Single Bidirectional I/O Line (1-bit ISO/IEC 7816-3 Standard I/O Port) with Sample Bit
Time Base Circuitry (with Preset and Maskable Interrupt Capabilities)
Watchdog Capability
CRC Module (Allowing Generation of Checksums (ISO/IEC 3309))
Random Number Generator (RNG)
Security
Dedicated Hardware to Resist Power Analysis Attacks
Low and High Voltage Monitors
Low and High Temperature Monitors
Low Frequency Monitor
High Frequency Filter/Monitor
Advanced Physical Barrier to Enhance Tamper Resistance
Illegal Access Reset
Illegal Opcode Reset
Memory Partitioning with Address Lockout Reset
Scrambling Logic
Tamper Monitor
Physical Removal of Test Mode when Testing is Complete
Development Tools
Hardware Emulation Module (for the Motorola MMDS05® Development System)
– Emulation Module (AT05SC1604R-EM3)
Software Simulator Based on Metrowerk’s HI-WAVE® Product
– Simulator Software (AT05SCRSIM)


Similar Part No. - AT05SC1604R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT05SC3208R ATMEL-AT05SC3208R Datasheet
45Kb / 2P
   SECURE MICROCONTROLLER FOR SMART CARDS
More results

Similar Description - AT05SC1604R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT Datasheet
60Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC9604RU ATMEL-AT90SC9604RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC12036RU ATMEL-AT90SC12036RU Datasheet
61Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC6436RT ATMEL-AT90SC6436RT Datasheet
439Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC256144RCFT ATMEL-AT90SC256144RCFT Datasheet
74Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT_06 Datasheet
46Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC19236RU ATMEL-AT90SC19236RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com