Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD160010 Datasheet(PDF) 4 Page - NEC

Part # UPD160010
Description  384-/360-OUTPUT TFT-LCD SOURCE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD160010 Datasheet(HTML) 4 Page - NEC

  UPD160010 Datasheet HTML 1Page - NEC UPD160010 Datasheet HTML 2Page - NEC UPD160010 Datasheet HTML 3Page - NEC UPD160010 Datasheet HTML 4Page - NEC UPD160010 Datasheet HTML 5Page - NEC UPD160010 Datasheet HTML 6Page - NEC UPD160010 Datasheet HTML 7Page - NEC UPD160010 Datasheet HTML 8Page - NEC UPD160010 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Data Sheet S16316EJ2V0DS
4
µPD160010
4. PIN FUNCTIONS
(1/2)
Pin Symbol
Pin Name
I/O
Description
S1 to S384
Driver
Output
The D/A converted 256-gray-scale analog voltage is output.
D0A, D0B
D1A, D1B
D2A, D2B
D3A, D3B
Gray scale data
Input
(mini-LVDS)
Display data with gray-scale data (8-bit) and control signal (RST = reset).
Refer to Table 4
−1.
CLKA,
CLKB
Shift clock
Input
(mini-LVDS)
Shift clock.
Refer to Table 4
−1.
R,/L
Shift direction
control
Input
(CMOS)
The shift direction control pin of shift register. The shift directions of the shift
registers are as follows.
R,/L = H (right shift): STHR input, S1
→S384, STHL output
R,/L = L (left shift): STHL input, S384
→S1, STHR output
STHR
Right shift start
pulse
STHL
Left shift start pulse
I/O
(CMOS)
This is the start pulse I/O pin when connected in cascade. Loading of display data
starts when a high level is read.
For right shift, STHR is input and STHL is output.
For left shift, STHL is input and STHR is output.
STB
Latch
Input
(CMOS)
Change the input mode, latched the registered data and transfer to DAC at the
rising edge. And supplied voltage to LCD pixel is output at falling edge.
POL
Polarity
Input
(CMOS)
Control the polarity of the output.
Input of the POL signal is allowed the setup time (t14) with respect to STBs rising
edge.
Refer to Table 4
−3.
SB
Bus-line set-back
Input
(CMOS)
Change the data order of mini-LVDS input.
Refer to Table 4
−1.
Input “L” level to this pin.
RxBIAS1,
RxBIAS2
mini-LVDS receiver
bias voltage control
Input
(CMOS)
This pin controls the bias current of mini-LVDS receiver circuit. Please refer to the
following table.
Osel
Number of output
pins select pin
Input
(CMOS)
This pin selects the number of output pins.
Osel = L: 384-output mode
Osel = H: 360-output mode
Output pins S181 through S204 are invalid in 360-output mode.
SRC
Slew-rate control
Input
(CMOS)
SRC = H: High-slew-rate mode (large current consumption)
SRC = L: Low-slew-rate mode (small current consumption)
ORC
Output resistance
control
Input
(CMOS)
ORC = H: Low output resistance mode
ORC = L: High output resistance mode
MODE
Output reset control
Input
(CMOS)
MODE = H: Output reset
MODE = L: No output reset
RxBIAS1
RxBIAS2
IBIAS
L
L
I1 (Low power)
L
H
I2
H
L
I3
H
H
I4 (High power)


Similar Part No. - UPD160010

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD160010 RENESAS-UPD160010 Datasheet
473Kb / 22P
   MOS INTEGRATED CIRCUIT
2003
UPD160010N-XXX RENESAS-UPD160010N-XXX Datasheet
473Kb / 22P
   MOS INTEGRATED CIRCUIT
2003
UPD160010NL-XXX RENESAS-UPD160010NL-XXX Datasheet
473Kb / 22P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD160010

ManufacturerPart #DatasheetDescription
logo
NEC
UPD160061A NEC-UPD160061A Datasheet
586Kb / 18P
   384-/360-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040A NEC-UPD160040A Datasheet
180Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH168M SHARP-LH168M Datasheet
109Kb / 17P
   384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
   384-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
logo
NEC
UPD161602A NEC-UPD161602A Datasheet
6Kb / 23P
   360/396-OUTPUT TFT-LCD SOURCE DRIVER
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com