Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7342-1A Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS7342-1A
Description  solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7342-1A Datasheet(HTML) 2 Page - California Eastern Labs

  PS7342-1A Datasheet HTML 1Page - California Eastern Labs PS7342-1A Datasheet HTML 2Page - California Eastern Labs PS7342-1A Datasheet HTML 3Page - California Eastern Labs PS7342-1A Datasheet HTML 4Page - California Eastern Labs PS7342-1A Datasheet HTML 5Page - California Eastern Labs PS7342-1A Datasheet HTML 6Page - California Eastern Labs PS7342-1A Datasheet HTML 7Page - California Eastern Labs PS7342-1A Datasheet HTML 8Page - California Eastern Labs PS7342-1A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PS7342-1A,PS7342L-1A
PACKAGE DIMENSIONS (in millimeters)
9.25
±0.5
0.5
±0.1
2.54
1.34
±0.1
0.25 M
0 to 15
˚
7.62
6.5
±0.5
9.25
±0.5
6.5
±0.5
0.9
±0.25
9.60
±0.4
1.34
±0.1
0.25 M
2.54
PS7342-1A
1. LED Anode
2. LED Cathode
3. NC
4. MOS FET Drain
5. MOS FET Source
6. MOS FET Drain
1
23
65
4
PS7342L-1A
1. LED Anode
2. LED Cathode
3. NC
4. MOS FET Drain
5. MOS FET Source
6. MOS FET Drain
1
23
65
4
TOP VIEW
TOP VIEW
Data Sheet PN10309EJ01V1DS
2


Similar Part No. - PS7342-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7342-1A RENESAS-PS7342-1A Datasheet
257Kb / 16P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results

Similar Description - PS7342-1A

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8113336 FIBOX-8113336 Datasheet
67Kb / 3P
   Lock on the long side
11.01.2023
logo
California Eastern Labs
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
KODENSHI_AUK CORP.
PSR11L KODENSHI-PSR11L Datasheet
243Kb / 2P
   composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC at the light receiving side
logo
PHOENIX CONTACT
2322676 PHOENIX-2322676 Datasheet
72Kb / 5P
   Encapsulated socket strips on the module side
logo
California Eastern Labs
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9121 CEL-PS9121 Datasheet
287Kb / 15P
   The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
logo
STMicroelectronics
STEVAL-IFP019V1 STMICROELECTRONICS-STEVAL-IFP019V1 Datasheet
121Kb / 5P
   Quad high-side smart-power solid-state relay demonstration board based on the VNI4140K-32
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
   Eight-channel high-side driver based on the VNI8200XP
July 2013 Rev 1
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
   High side driver demonstration board based on the VN751PT
logo
Hamamatsu Corporation
H11462 HAMAMATSU-H11462_15 Datasheet
73Kb / 2P
   Side-on PMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com