Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS7342L-1A-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7342L-1A-A
Description  solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7342L-1A-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS7342L-1A-A Datasheet HTML 1Page - California Eastern Labs PS7342L-1A-A Datasheet HTML 2Page - California Eastern Labs PS7342L-1A-A Datasheet HTML 3Page - California Eastern Labs PS7342L-1A-A Datasheet HTML 4Page - California Eastern Labs PS7342L-1A-A Datasheet HTML 5Page - California Eastern Labs PS7342L-1A-A Datasheet HTML 6Page - California Eastern Labs PS7342L-1A-A Datasheet HTML 7Page - California Eastern Labs PS7342L-1A-A Datasheet HTML 8Page - California Eastern Labs PS7342L-1A-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PS7342-1A,PS7342L-1A
RECOMMENDED OPERATING CONDITIONS (TA = 25 C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
2
10
20
mA
LED Off Voltage
VF
0
0.5
V
ELECTRICAL CHARACTERISTICS (TA = 25 C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.2
1.4
V
Reverse Current
IR
VR = 5 V
5.0
A
MOS FET
Off-state Leakage Current
ILoff
VD = 400 V
0.03
1.0
A
Output Capacitance
Cout
VD = 0 V, f = 1 MHz
225
pF
Coupled
LED On-state Current
IFon
IL = 200 mA
2.0
mA
On-state Resistance
Ron1
IF = 10 mA, IL = 10 mA
6
10
Ron2
IF = 10 mA, IL = 200 mA, t
10 ms
Turn-on Time
*1
ton
IF = 10 mA, VO = 5 V, RL = 500
,
1.2
2.5
ms
Turn-off Time
*1
toff
PW
10 ms
0.06
0.2
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
9
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
1.1
pF
*1 Test Circuit for Switching Time
VL
RL
IF
Rin
Pulse Input
Input monitor
monitor
VO
ton
toff
10 %
90 %
0
VO = 5 V
50 %
Output
Input
Data Sheet PN10309EJ01V1DS
5


Similar Part No. - PS7342L-1A-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7342L-1A-E3 NEC-PS7342L-1A-E3 Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7342L-1A-E4 NEC-PS7342L-1A-E4 Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7342L-1A-A

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8113336 FIBOX-8113336 Datasheet
67Kb / 3P
   Lock on the long side
11.01.2023
logo
California Eastern Labs
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
KODENSHI_AUK CORP.
PSR11L KODENSHI-PSR11L Datasheet
243Kb / 2P
   composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC at the light receiving side
logo
PHOENIX CONTACT
2322676 PHOENIX-2322676 Datasheet
72Kb / 5P
   Encapsulated socket strips on the module side
logo
California Eastern Labs
PS9122 CEL-PS9122 Datasheet
297Kb / 18P
   The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9121 CEL-PS9121 Datasheet
287Kb / 15P
   The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
logo
STMicroelectronics
STEVAL-IFP019V1 STMICROELECTRONICS-STEVAL-IFP019V1 Datasheet
121Kb / 5P
   Quad high-side smart-power solid-state relay demonstration board based on the VNI4140K-32
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
   Eight-channel high-side driver based on the VNI8200XP
July 2013 Rev 1
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
   High side driver demonstration board based on the VN751PT
logo
Hamamatsu Corporation
H11462 HAMAMATSU-H11462_15 Datasheet
73Kb / 2P
   Side-on PMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com