Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD160061NL Datasheet(PDF) 5 Page - NEC

Part # UPD160061NL
Description  384-OUTPUT TFT-LCD SOURCE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD160061NL Datasheet(HTML) 5 Page - NEC

  UPD160061NL Datasheet HTML 1Page - NEC UPD160061NL Datasheet HTML 2Page - NEC UPD160061NL Datasheet HTML 3Page - NEC UPD160061NL Datasheet HTML 4Page - NEC UPD160061NL Datasheet HTML 5Page - NEC UPD160061NL Datasheet HTML 6Page - NEC UPD160061NL Datasheet HTML 7Page - NEC UPD160061NL Datasheet HTML 8Page - NEC UPD160061NL Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Data Sheet S15843EJ3V0DS
5
µPD160061
(2/2)
Pin Symbol
Pin Name
I/O
Description
SRC
High driving time
control
Input
This pin is set up to high drive time of the output amplifier. Please decide the pin setting refer
to panel loads and one horizontal period. SRC pin is pulled up to the VDD1 inside the IC.
SRC = H or open: High drive time 64 CLK (Normally period mode)
SRC = L: High drive time 128 CLK (Long time mode)
Refer to 9. SRC AND HIGH DRIVE TIME.
V0 to V9
γ -corrected power
supplies
Input the
γ -corrected power supplies from outside by using operational amplifier.
Make sure to maintain the following relationships. During the gray scale voltage output, be
sure to keep the gray scale level power supply at a constant level.
VDD2
− 0.2 V ≥ V0 > V1 > V2 > V3 > V4 ≥ 0.5 VDD2
VDD2
− 0.3 V ≥ > V5 > V6 > V7 > V8 > V9 ≥ VSS2 + 0.2 V
VDD1
Logic power supply
2.3 to 3.6 V
VDD2
Driver power supply
7.5 to 9.5 V
VSS1
Logic ground
Grounding
VSS2
Driver ground
Grounding
Cautions 1. The power start sequence must be VDD1, logic input, and VDD2 & V0 to V9 in that order.
Reverse this sequence to shut down.
2. To stabilize the supply voltage, please be sure to insert a 0.1
µF bypass capacitor between
VDD1 to VSS1 and VDD2 to VSS2. Furthermore, for increased precision of the D/A converter, insertion
of a bypass capacitor of about 0.01
µF is also recommended between the γ -corrected power
supply terminals (V0, V1, V2,....., V9) and VSS.


Similar Part No. - UPD160061NL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD160061NL-XXX RENESAS-UPD160061NL-XXX Datasheet
363Kb / 21P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD160061NL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040A NEC-UPD160040A Datasheet
180Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061A NEC-UPD160061A Datasheet
586Kb / 18P
   384-/360-OUTPUT TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH168M SHARP-LH168M Datasheet
109Kb / 17P
   384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
   384-output TFT-LCD Source Driver IC
logo
NEC
UPD160010 NEC-UPD160010 Datasheet
321Kb / 19P
   384-/360-OUTPUT TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH168A SHARP-LH168A Datasheet
176Kb / 14P
   384-output TFT-LCD Source Driver IC
logo
NEC
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
   402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Samsung semiconductor
S6C0671 SAMSUNG-S6C0671 Datasheet
300Kb / 29P
   8 BIT 384 CHANNEL TFT-LCD SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com