Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM93CS56LN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93CS56LN
Description  256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93CS56LN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  NM93CS56LN Datasheet HTML 1Page - National Semiconductor (TI) NM93CS56LN Datasheet HTML 2Page - National Semiconductor (TI) NM93CS56LN Datasheet HTML 3Page - National Semiconductor (TI) NM93CS56LN Datasheet HTML 4Page - National Semiconductor (TI) NM93CS56LN Datasheet HTML 5Page - National Semiconductor (TI) NM93CS56LN Datasheet HTML 6Page - National Semiconductor (TI) NM93CS56LN Datasheet HTML 7Page - National Semiconductor (TI) NM93CS56LN Datasheet HTML 8Page - National Semiconductor (TI) NM93CS56LN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DC and AC Electrical Characteristics 45V k VCC k 55V
Symbol
Parameter
Part Number
Conditions
Min
Max
Units
ICCA
Operating Current
CS e VIH SK e 10 MHz
1mA
CMOS Input Levels
ICCS
Standby Current
CS e VIL
50
m
A
IIL
Input Leakage
VIN e 0V to VCC
g
1
m
A
IOL
Output Leakage
(Note 4)
VIL
Input Low Voltage
b
01
08
V
VIH
Input High Voltage
2VCCa1
VOL1
Output Low Voltage
IOL e 21 mA
04
V
VOH1
Output High Voltage
IOL e 400 mA
24V
VOL2
Output Low Voltage
IOL e 10 mA
02
V
VOH2
Output High Voltage
IOL eb10 mAVCCb02
fSK
SK Clock Frequency
(Note 5)
0
1
MHz
tSKH
SK High Time
NM93CS06L-NM93CS66L
250
ns
NM93CS06LE-NM93CS66LE
300
tSKL
SK Low Time
250
ns
tSKS
SK Setup Time
SK must be at VIL for
50
ns
tSKS before CS goes High
tCS
Minimum CS
(Note 2)
250
ns
Low Time
tCSS
CS Setup Time
50
ns
tPRES
PRE Setup Time
50
ns
tDH
DO Hold Time
70
ns
tPES
PE Setup Time
50
ns
tDIS
DI Setup Time
100
ns
tCSH
CS Hold Time
0ns
tPEH
PE Hold Time
250
ns
tPREH
PRE Hold Time
50
ns
tDIH
DI Hold Time
20
ns
tPD1
Output Delay to ‘‘1’’
500
ns
tPD0
Output Delay to ‘‘0’’
500
ns
tSV
CS to Status Valid
500
ns
tDF
CS to DO in
CS e VIL
100
ns
TRI-STATE
tWP
Write Cycle Time
10
ms
http
www nationalcom
4


Similar Part No. - NM93CS56LN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS56EM8 NSC-NM93CS56EM8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56EN NSC-NM93CS56EN Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56M8 NSC-NM93CS56M8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56MM8 NSC-NM93CS56MM8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
More results

Similar Description - NM93CS56LN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C06LZ NSC-NM93C06LZ Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
Fairchild Semiconductor
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56 FAIRCHILD-FM93CS56 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com