Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM93CS56LM8 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM93CS56LM8
Description  256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM93CS56LM8 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  NM93CS56LM8 Datasheet HTML 1Page - National Semiconductor (TI) NM93CS56LM8 Datasheet HTML 2Page - National Semiconductor (TI) NM93CS56LM8 Datasheet HTML 3Page - National Semiconductor (TI) NM93CS56LM8 Datasheet HTML 4Page - National Semiconductor (TI) NM93CS56LM8 Datasheet HTML 5Page - National Semiconductor (TI) NM93CS56LM8 Datasheet HTML 6Page - National Semiconductor (TI) NM93CS56LM8 Datasheet HTML 7Page - National Semiconductor (TI) NM93CS56LM8 Datasheet HTML 8Page - National Semiconductor (TI) NM93CS56LM8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Ambient Storage Temperature
b
65 Cto a150 C
All Input or Output Voltages
a
65V to b03V
with Respect to Ground
Lead Temperature (Soldering 10 sec)
a
300 C
ESD rating
2000V
Operating Conditions
Ambient Operating Temperature
NM93CSxxL
0 Cto a70 C
NM93CSxxLE
b
40 Cto a85 C
Power Supply (VCC) Range
Read Mode
20V to 55V
WRALL Bulk Programming
30V to 55V
All Other Modes
25V to 55V
DC and AC Electrical Characteristics 2V k VCC k 45V
Symbol
Parameter
Conditions
Min
Max
Units
ICCA
Operating Current
CS e VIH SK e 250 kHz
1
mA
ICCS
Standby Current
CS e VIL
50
m
A
IIL
Input Leakage
VIN e 0V to VCC
g
1
m
A
IOL
Output Leakage
(Note 4)
VIL
Input Low Voltage
b
01
015 VCC
V
VIH
Input High Voltage
08 VCC
VCC a 1
VOL
Output Low Voltage
IOL e 10 mA
01 VCC
V
VOH
Output High Voltage
IOH eb10 mA
09 VCC
fSK
SK Clock Frequency
(Note 5)
0
250
kHz
tSKH
SK High Time
1
m
s
tSKL
SK Low Time
1
m
s
tSKS
SK Setup Time
SK must be at VIL for
02
m
s
tSKS before CS goes high
tCS
Minimum CS
(Note 2)
1
m
s
Low Time
tCSS
CS Setup Time
02
m
s
tPRES
PRE Setup Time
02
m
s
tPES
PE Setup Time
02
m
s
tDIS
DI Setup Time
04
m
s
tDH
DO Hold Time
70
ns
tCSH
CS Hold Time
0
m
s
tPEH
PE Hold Time
04
m
s
tPREH
PRE Hold Time
04
m
s
tDIH
DI Hold Time
04
m
s
tPD1
Output Delay to ‘‘1’’
2
m
s
tPD0
Output Delay to ‘‘0’’
2
m
s
tSV
CS to Status Valid
1
m
s
tDF
CS to DO in
CS e VIL
04
m
s
TRI-STATE
tWP
Write Cycle Time
15
ms
http
www nationalcom
3


Similar Part No. - NM93CS56LM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS56EM8 NSC-NM93CS56EM8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56EN NSC-NM93CS56EN Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56M8 NSC-NM93CS56M8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56MM8 NSC-NM93CS56MM8 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
More results

Similar Description - NM93CS56LM8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C06L NSC-NM93C06L Datasheet
181Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) (MICROWIRE Bus Interface)
NM93C06LZ NSC-NM93C06LZ Datasheet
204Kb / 12P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Zero Power and Extended Voltage (2.7V to 5.5V)
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
Fairchild Semiconductor
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS56 FAIRCHILD-FM93CS56 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com