Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G08YZPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC2G08YZPR
Description  DUAL 2 - INPUT POSITIVE - AND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G08YZPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUC2G08YZPR Datasheet HTML 2Page - Texas Instruments SN74AUC2G08YZPR Datasheet HTML 3Page - Texas Instruments SN74AUC2G08YZPR Datasheet HTML 4Page - Texas Instruments SN74AUC2G08YZPR Datasheet HTML 5Page - Texas Instruments SN74AUC2G08YZPR Datasheet HTML 6Page - Texas Instruments SN74AUC2G08YZPR Datasheet HTML 7Page - Texas Instruments SN74AUC2G08YZPR Datasheet HTML 8Page - Texas Instruments SN74AUC2G08YZPR Datasheet HTML 9Page - Texas Instruments SN74AUC2G08YZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74AUC2G08DCTR
ACTIVE
SM8
DCT
8
3000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G08DCTRE4
ACTIVE
SM8
DCT
8
3000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G08DCUR
ACTIVE
US8
DCU
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G08DCURE4
ACTIVE
US8
DCU
8
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74AUC2G08YEPR
ACTIVE
WCSP
YEP
8
3000
TBD
SNPB
Level-1-260C-UNLIM
SN74AUC2G08YZPR
ACTIVE
WCSP
YZP
8
3000
Pb-Free
(RoHS)
SNAGCU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
7-Feb-2006
Addendum-Page 1


Similar Part No. - SN74AUC2G08YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G08YZPR TI-SN74AUC2G08YZPR Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AUC2G08YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-AND Gate
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_08 Datasheet
464Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AHC2G08 TI1-SN74AHC2G08 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
   LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com