Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUC2G08DCUR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUC2G08DCUR
Description  DUAL 2 - INPUT POSITIVE - AND GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G08DCUR Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUC2G08DCUR Datasheet HTML 1Page - Texas Instruments SN74AUC2G08DCUR Datasheet HTML 2Page - Texas Instruments SN74AUC2G08DCUR Datasheet HTML 3Page - Texas Instruments SN74AUC2G08DCUR Datasheet HTML 4Page - Texas Instruments SN74AUC2G08DCUR Datasheet HTML 5Page - Texas Instruments SN74AUC2G08DCUR Datasheet HTML 6Page - Texas Instruments SN74AUC2G08DCUR Datasheet HTML 7Page - Texas Instruments SN74AUC2G08DCUR Datasheet HTML 8Page - Texas Instruments SN74AUC2G08DCUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74AUC2G08
DUAL 2INPUT POSITIVEAND GATE
SCES477A − AUGUST 2003 − REVISED NOVEMBER 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
2.7
V
VCC = 0.8 V
VCC
VIH
High-level input voltage
VCC = 1.1 V to 1.95 V
0.65
× VCC
V
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 0.8 V
0
VIL
Low-level input voltage
VCC = 1.1 V to 1.95 V
0.35
× VCC
V
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
−0.7
VCC = 1.1 V
−3
IOH
High-level output current
VCC = 1.4 V
−5
mA
IOH
High-level output current
VCC = 1.65 V
−8
mA
VCC = 2.3 V
−9
VCC = 0.8 V
0.7
VCC = 1.1 V
3
IOL
Low-level output current
VCC = 1.4 V
5
mA
IOL
Low-level output current
VCC = 1.65 V
8
mA
VCC = 2.3 V
9
∆t/∆v
Input transition rise or fall rate
20
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP†
MAX
UNIT
IOH = −100 µA
0.8 V to 2.7 V
VCC−0.1
IOH = −0.7 mA
0.8 V
0.55
VOH
IOH = −3 mA
1.1 V
0.8
V
VOH
IOH = −5 mA
1.4 V
1
V
IOH = −8 mA
1.65 V
1.2
IOH = −9 mA
2.3 V
1.8
IOL = 100 µA
0.8 V to 2.7 V
0.2
IOL = 0.7 mA
0.8 V
0.25
VOL
IOL = 3 mA
1.1 V
0.3
V
VOL
IOL = 5 mA
1.4 V
0.4
V
IOL = 8 mA
1.65 V
0.45
IOL = 9 mA
2.3 V
0.6
II
A or B inputs
VI = VCC or GND
0 to 2.7 V
±5
µA
Ioff
VI or VO = 2.7 V
0
±10
µA
ICC
VI = VCC or GND,
IO = 0
0.8 V to 2.7 V
10
µA
Ci
VI = VCC or GND
2.5 V
2
pF
† All typical values are at TA = 25°C.


Similar Part No. - SN74AUC2G08DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G08DCUR TI-SN74AUC2G08DCUR Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08DCURE4 TI-SN74AUC2G08DCURE4 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AUC2G08DCURG4 TI-SN74AUC2G08DCURG4 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
More results

Similar Description - SN74AUC2G08DCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G08 TI-SN74LVC2G08_10 Datasheet
529Kb / 14P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI1-SN74LVC2G08_15 Datasheet
928Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-AND Gate
SN74LVC2G08 TI-SN74LVC2G08 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE AND GATE
SN74AUC2G08 TI-SN74AUC2G08_10 Datasheet
515Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-EP TI1-SN74LVC2G08-EP Datasheet
465Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1 Datasheet
133Kb / 7P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74LVC2G08 TI-SN74LVC2G08_08 Datasheet
464Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
SN74AHC2G08 TI1-SN74AHC2G08 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-AND GATE
logo
AiT Semiconductor Inc.
AL2G08 AITSEMI-AL2G08 Datasheet
456Kb / 8P
   LOGIC DUAL 2-INPUT POSITIVE-AND GATE
REV1.0
logo
Texas Instruments
SN74AUP2G08 TI-SN74AUP2G08 Datasheet
288Kb / 13P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com