Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD161641 Datasheet(PDF) 8 Page - NEC

Part # UPD161641
Description  240-OUTPUT TFT-LCD GATE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD161641 Datasheet(HTML) 8 Page - NEC

Back Button UPD161641 Datasheet HTML 4Page - NEC UPD161641 Datasheet HTML 5Page - NEC UPD161641 Datasheet HTML 6Page - NEC UPD161641 Datasheet HTML 7Page - NEC UPD161641 Datasheet HTML 8Page - NEC UPD161641 Datasheet HTML 9Page - NEC UPD161641 Datasheet HTML 10Page - NEC UPD161641 Datasheet HTML 11Page - NEC UPD161641 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet S15678EJ1V0DS
8
µµµµPD161641
3. PIN FUNCTIONS
(1/2)
Symbol
Pin Name
Pad No.
I/O
Function
O1 to O240
Driver output
132 to 251,
258 to 377
Output
Scan signal output pins that drive the gate electrode of a TFT-
LCD. The status of each output pin changes in synchronization
with the rising edge of shift clock. The output voltage of the driver
is VT-VB.
STVR,
STVL
Start pulse input/output
85 to 89,
91 to 95
I/O
Input/output pin of the internal shift register.
Read of start pulse signal is set at rising edge of shift clock, and
outputs a scanning signal from a driver output pin. In addition,
the effective level of a STVR/STVL pin is determined by setup
of STVSEL pin. Moreover, an input/output level is VCC1-VSS
(logic level).
STVSEL = L: Start pulse is set to low level by the 240th falling
edge of shift clock, and is set to a high level by the 241st falling
edge.
STVSEL
Start pulse input
effective level selection
33 to 37
Input
The effective level of the start pulse signal inputted into
STVR/STVL is selected.
STVSEL = L: Low level
STVSEL = H: High level
CLK
Shift clock input
97 to 101
Input
Shift clock input for the internal shift register. The contents of
internal shift register is shifted at the rising edge of CLK.
Connect to GCLK pin of source driver.
R,/L
Shift direction
switching input
39 to 43
Input
Shift direction switching input pin of the internal shift register.
R,/L = H (right shift): STVR
→ O1 → O2 ··· O239 → O240 → STVL
R,/L = L (left shift): STVL
→ O240 → O239 ··· O2 → O1 → STVR
OE1
Enable input
103 to 107
Input
Input of the level selected by OE1SEL fixes a driver output to a
low level (input of a low level fixes driver output to low level at
the time of OE1SEL = L). However, shift register is not cleared.
Moreover, output enable operation is asynchronous on a clock.
Connect with GOE1 pin of sauce driver.
OE1SEL
OE1 effective level
selection
20 to 24
Input
This pin selects effective level of OE1 pin.
OE1SEL = L: Low level
OE1SEL = H: High level
OE2
Enable input
109 to 113
Input
Input of the level selected by OE2SEL fixes a driver output to a
high level (input of a low level fixes driver output to high level at
the time of OE2SEL = L). However, shift register is not cleared.
Moreover, output enable operation is asynchronous on a clock.
Connect with GOE2 pin of sauce driver.
OE2SEL
OE2 effective level
selection
26 to 30
Input
This pin selects effective level of OE2 pin.
OE2SEL = L: Low level
OE2SEL = H: High level


Similar Part No. - UPD161641

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD161641 RENESAS-UPD161641 Datasheet
306Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
UPD161641N-XXX RENESAS-UPD161641N-XXX Datasheet
306Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
UPD161641P RENESAS-UPD161641P Datasheet
306Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD161641

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD16704 NEC-UPD16704 Datasheet
78Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
   240-output TFT-LCD Gate Driver IC
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
   240-OUTPUT TFT-LCD SOURCE DRIVER
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
   300-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com