Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD161644 Datasheet(PDF) 8 Page - NEC

Part # UPD161644
Description  241 OUTPUT GATE DRIVER WITH POWER SUPPLY FOR TFT-LCD GATE DRIVER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD161644 Datasheet(HTML) 8 Page - NEC

Back Button UPD161644 Datasheet HTML 4Page - NEC UPD161644 Datasheet HTML 5Page - NEC UPD161644 Datasheet HTML 6Page - NEC UPD161644 Datasheet HTML 7Page - NEC UPD161644 Datasheet HTML 8Page - NEC UPD161644 Datasheet HTML 9Page - NEC UPD161644 Datasheet HTML 10Page - NEC UPD161644 Datasheet HTML 11Page - NEC UPD161644 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Preliminary Product Information S15797EJ1V4PM
8
µµµµPD161644
Table 2-1. Pad Layout (2/3)
PADTYPE : BUMP SIZE 86
µ m x 35 µ m
PADTYPE : BUMP SIZE 86
µ m x 35 µ m
GATE OUTPUTS 35 µ m pitch
GATE OUTPUTS 35 µ m pitch
PAD No.
PAD NAME
X [mm]
Y [mm]
PAD No.
PAD NAME
X [mm]
Y [mm]
145
DUMMY
1.249
4.3050
217
O172
1.249
1.7850
146
DUMMY
1.127
4.2700
218
O171
1.127
1.7500
147
DUMMY
1.249
4.2350
219
O170
1.249
1.7150
148
O241
1.127
4.2000
220
O169
1.127
1.6800
149
O240
1.249
4.1650
221
O168
1.249
1.6450
150
O239
1.127
4.1300
222
O167
1.127
1.6100
151
O238
1.249
4.0950
223
O166
1.249
1.5750
152
O237
1.127
4.0600
224
O165
1.127
1.5400
153
O236
1.249
4.0250
225
O164
1.249
1.5050
154
O235
1.127
3.9900
226
O163
1.127
1.4700
155
O234
1.249
3.9550
227
O162
1.249
1.4350
156
O233
1.127
3.9200
228
O161
1.127
1.4000
157
O232
1.249
3.8850
229
O160
1.249
1.3650
158
O231
1.127
3.8500
230
O159
1.127
1.3300
159
O230
1.249
3.8150
231
O158
1.249
1.2950
160
O229
1.127
3.7800
232
O157
1.127
1.2600
161
O228
1.249
3.7450
233
O156
1.249
1.2250
162
O227
1.127
3.7100
234
O155
1.127
1.1900
163
O226
1.249
3.6750
235
O154
1.249
1.1550
164
O225
1.127
3.6400
236
O153
1.127
1.1200
165
O224
1.249
3.6050
237
O152
1.249
1.0850
166
O223
1.127
3.5700
238
O151
1.127
1.0500
167
O222
1.249
3.5350
239
O150
1.249
1.0150
168
O221
1.127
3.5000
240
O149
1.127
0.9800
169
O220
1.249
3.4650
241
O148
1.249
0.9450
170
O219
1.127
3.4300
242
O147
1.127
0.9100
171
O218
1.249
3.3950
243
O146
1.249
0.8750
172
O217
1.127
3.3600
244
O145
1.127
0.8400
173
O216
1.249
3.3250
245
O144
1.249
0.8050
174
O215
1.127
3.2900
246
O143
1.127
0.7700
175
O214
1.249
3.2550
247
O142
1.249
0.7350
176
O213
1.127
3.2200
248
O141
1.127
0.7000
177
O212
1.249
3.1850
249
O140
1.249
0.6650
178
O211
1.127
3.1500
250
O139
1.127
0.6300
179
O210
1.249
3.1150
251
O138
1.249
0.5950
180
O209
1.127
3.0800
252
O137
1.127
0.5600
181
O208
1.249
3.0450
253
O136
1.249
0.5250
182
O207
1.127
3.0100
254
O135
1.127
0.4900
183
O206
1.249
2.9750
255
O134
1.249
0.4550
184
O205
1.127
2.9400
256
O133
1.127
0.4200
185
O204
1.249
2.9050
257
O132
1.249
0.3850
186
O203
1.127
2.8700
258
O131
1.127
0.3500
187
O202
1.249
2.8350
259
O130
1.249
0.3150
188
O201
1.127
2.8000
260
O129
1.127
0.2800
189
O200
1.249
2.7650
261
O128
1.249
0.2450
190
O199
1.127
2.7300
262
O127
1.127
0.2100
191
O198
1.249
2.6950
263
O126
1.249
0.1750
192
O197
1.127
2.6600
264
O125
1.127
0.1400
193
O196
1.249
2.6250
265
O124
1.249
0.1050
194
O195
1.127
2.5900
266
O123
1.127
0.0700
195
O194
1.249
2.5550
267
O122
1.249
0.0350
196
O193
1.127
2.5200
268
O121
1.127
0.0000
197
O192
1.249
2.4850
269
O120
1.249
-0.0350
198
O191
1.127
2.4500
270
O119
1.127
-0.0700
199
O190
1.249
2.4150
271
O118
1.249
-0.1050
200
O189
1.127
2.3800
272
O117
1.127
-0.1400
201
O182
1.249
2.3450
273
O116
1.249
-0.1750
202
O187
1.127
2.3100
274
O115
1.127
-0.2100
203
O186
1.249
2.2750
275
O114
1.249
-0.2450
204
O185
1.127
2.2400
276
O113
1.127
-0.2800
205
O184
1.249
2.2050
277
O112
1.249
-0.3150
206
O183
1.127
2.1700
278
O111
1.127
-0.3500
207
O182
1.249
2.1350
279
O110
1.249
-0.3850
208
O181
1.127
2.1000
280
O109
1.127
-0.4200
209
O180
1.249
2.0650
281
O108
1.249
-0.4550
210
O179
1.127
2.0300
282
O107
1.127
-0.4900
211
O178
1.249
1.9950
283
O106
1.249
-0.5250
212
O177
1.127
1.9600
284
O105
1.127
-0.5600
213
O176
1.249
1.9250
285
O104
1.249
-0.5950
214
O175
1.127
1.8900
286
O103
1.127
-0.6300
215
O174
1.249
1.8550
287
O102
1.249
-0.6650
216
O173
1.127
1.8200
288
O101
1.127
-0.7000


Similar Part No. - UPD161644

ManufacturerPart #DatasheetDescription
logo
NEC
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
UPD161641 RENESAS-UPD161641 Datasheet
306Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD161641N NEC-UPD161641N Datasheet
135Kb / 15P
   240-OUTPUT TFT-LCD GATE DRIVER
UPD161641N-XXX NEC-UPD161641N-XXX Datasheet
135Kb / 15P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
UPD161641N-XXX RENESAS-UPD161641N-XXX Datasheet
306Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD161644

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
   300-OUTPUT TFT-LCD GATE DRIVER
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
PD161643 RENESAS-PD161643_15 Datasheet
228Kb / 18P
   176-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
UPD16704 NEC-UPD16704 Datasheet
78Kb / 14P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16704 RENESAS-PD16704_15 Datasheet
215Kb / 16P
   240-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
   240-OUTPUT TFT-LCD GATE DRIVER
UPD161643 NEC-UPD161643 Datasheet
93Kb / 15P
   176-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com