Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP4015B Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # OP4015B
Description  780.881 MHz Optical Timing Clock
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

OP4015B Datasheet(HTML) 1 Page - RF Monolithics, Inc

  OP4015B Datasheet HTML 1Page - RF Monolithics, Inc OP4015B Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Preliminary
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
OP4015B-041003
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Operating Frequency
Absolute Frequency
fO
1, 9
780.881
MHz
Tune Range
2
±25
ppm
Tune Voltage
1
0
+3
VDC
Tuning Linearity
1, 8
±3%
Tuning Sensitivity
df/dv
2, 10
140
300
ppm/V
Modulation Bandwidth
125
265
kHz
Q and Q Output
Voltage into 50
Ω (VSWR≤1.2)
VO
1,3
0.60
1.1
VP-P
Operating Load VSWR
1,3
2:1
Symmetry
3, 4, 5
49
51
%
Harmonic Spurious
3, 4, 6
-30
dBc
Nonharmonic Spurious
3, 4, 6, 7
-60
dBc
Phase Noise
dBc/Hz@100Hz offset
-70
dBc/Hz
1kHz offset
-100
dBc/Hz
10k offset
-120
Noise Floor
-150
Q and Q Jitter
RMS Jitter (12 kHz to 80 MHz)
3, 4, 6, 7
.20
ps
No Noise on VCC
3, 4, 6, 7
10
PSP-P
200 mVP-P from 1MHz to ½ fO on
3
12
PSP-P
Input Impedence (Tuning Port)
1
K
Output DC Resistance (between Q & Q)
1, 3
50
K
DC Power Supply
Operating Voltage
VCC
1, 3
3.13
3.3, 5.0
5.25
VDC
Operating Current
ICC
1, 3
70
mA
Operating Case Temperature
TC
1, 3
-40°C
+85°C
°C
Lid Symbolization (YY=Year, WW=Week)
RFM OP4015B YYWW
SMC-08
Quartz SAW Stabilized and Filtered “Diff Sine” Technology
Fundamental-Mode Oscillation at 780.881 MHz
Voltage Tunable for Phase Lock Loop Operations
The output of this device is generated and filtered by narrowband quartz SAW elements at 780.881 MHz. The
configuration of this clock is intended to provide a pure signal for optical timing applications in noisy signal
environments. The Q/Qbar differential output swing of ±1 volt about 0 vdc has symmetry better than ±1% into
loads from 40 ohms to 70 ohms; determined by customer application. The long term frequency accuracy is
set by an external reference source allowing this device to complete a Phase Lock Loop design without the
usual noise and jitter problems associated with PLL’s.
Absolute Maximum Ratings
Rating
Value
Units
DC Suppy Voltage
0 to 5.5
VDC
Tune Voltage
0 to 6
VDC
Case Temperature
-55 to 100
°C
780.881 MHz
Optical
Timing Clock
OP4015B
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling. COCOM CAUTION: Approval by the U.S. Department of Commerce is
required prior to export of this device.
Notes:
1.
Unless otherwise noted, all specifications include any combination of load VSWR, Vcc, and temperature, with Q and Q terminated into
50 ohm loads to ground (see typical test circuit).
2.
Useful tuning range is in excess of what is required over temp, aging, pushing, pulling & accuracy.
3.
The design, manufacturing process, and specifications of this device are subject to change without notice.
4.
Only under the nominal conditions of 50
Ω load impedance with VSWR ≤ 1.2 and nominal power supply voltage.
5.
Symmetry is defined as the pulse width (in percent of total period) measured at the 50% points of Q or Q (see timing definitions).
6.
Jitter and other spurious outputs induced by externally generated electrical noise on VCC or mechanical vibration are not included in this
specification, except where noted. External voltage regulation and careful PCB layout are recommended for optimum performance.
7.
Applies to period jitter of Q and Q. Measurements are made with the Tektronix CSA803 signal analyzer with at least 1000 samples.
8.
Linearity is a function of the percentage variation from a permitted linear deviation versus the amount of frequency tune range (see lin-
earity definition).
9.
One or more of the following United States patents apply: 4,616,197; 4,670,681; 4,760,352.
BLOCK DIAGRAM
Q
VCC
Buffer Amplifier
SAW Oscillator
_
Vtune
Q


Similar Part No. - OP4015B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OP4015B MURATA-OP4015B Datasheet
916Kb / 3P
   780.881 MHz Optical Timing Clock
More results

Similar Description - OP4015B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
OP4015B MURATA-OP4015B Datasheet
916Kb / 3P
   780.881 MHz Optical Timing Clock
logo
RF Monolithics, Inc
OP4013B RFM-OP4013B Datasheet
128Kb / 2P
   693.48342 MHz Optical Timing Clock
OP4006B1 RFM-OP4006B1 Datasheet
58Kb / 2P
   666.51 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4006B MURATA-OP4006B Datasheet
74Kb / 2P
   666.51 MHz Optical Timing Clock
OP4010B MURATA-OP4010B Datasheet
74Kb / 2P
   663.552 MHz Optical Timing Clock
OP4013B MURATA-OP4013B Datasheet
918Kb / 3P
   693.48342 MHz Optical Timing Clock
OP4011B MURATA-OP4011B Datasheet
73Kb / 2P
   719.734 MHz Optical Timing Clock
OP4018B1 MURATA-OP4018B1 Datasheet
626Kb / 2P
   718.864 MHz Optical Timing Clock
logo
RF Monolithics, Inc
OP4014B RFM-OP4014B Datasheet
129Kb / 2P
   627.329 MHz Optical Timing Clock
logo
Murata Manufacturing Co...
OP4017B MURATA-OP4017B Datasheet
71Kb / 2P
   777.60 MHz Optical Timing Clock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com