Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA649V Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATMEGA649V
Description  8-bit Microcontroller with In-System Programmable Flash
Download  375 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649V Datasheet(HTML) 4 Page - ATMEL Corporation

  ATMEGA649V Datasheet HTML 1Page - ATMEL Corporation ATMEGA649V Datasheet HTML 2Page - ATMEL Corporation ATMEGA649V Datasheet HTML 3Page - ATMEL Corporation ATMEGA649V Datasheet HTML 4Page - ATMEL Corporation ATMEGA649V Datasheet HTML 5Page - ATMEL Corporation ATMEGA649V Datasheet HTML 6Page - ATMEL Corporation ATMEGA649V Datasheet HTML 7Page - ATMEL Corporation ATMEGA649V Datasheet HTML 8Page - ATMEL Corporation ATMEGA649V Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 375 page
background image
4
ATmega329/3290/649/6490
2552H–AVR–11/06
Overview
The ATmega329/3290/649/6490 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architec-
ture. By executing powerful instructions in a single clock cycle, the ATmega329/3290/649/6490 achieves throughputs
approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
Block Diagram
Figure 3. Block Diagram
PROGRAM
COUNTER
INTERNAL
OSCILLATOR
WATCHDOG
TIMER
STACK
POINTER
PROGRAM
FLASH
MCU CONTROL
REGISTER
SRAM
GENERAL
PURPOSE
REGISTERS
INSTRUCTION
REGISTER
TIMER/
COUNTERS
INSTRUCTION
DECODER
DATA DIR.
REG. PORTB
DATA DIR.
REG. PORTE
DATA DIR.
REG. PORTA
DATA DIR.
REG. PORTD
DATA REGISTER
PORTB
DATA REGISTER
PORTE
DATA REGISTER
PORTA
DATA REGISTER
PORTD
TIMING AND
CONTROL
OSCILLATOR
INTERRUPT
UNIT
EEPROM
SPI
USART
STATUS
REGISTER
Z
Y
X
ALU
PORTB DRIVERS
PORTE DRIVERS
PORTA DRIVERS
PORTF DRIVERS
PORTD DRIVERS
PORTC DRIVERS
PB0 - PB7
PE0 - PE7
PA0 - PA7
PF0 - PF7
VCC
GND
CONTROL
LINES
PC0 - PC7
8-BIT DATA BUS
CALIB. OSC
DATA DIR.
REG. PORTC
DATA REGISTER
PORTC
ON-CHIP DEBUG
JTAG TAP
PROGRAMMING
LOGIC
BOUNDARY-
SCAN
DATA DIR.
REG. PORTF
DATA REGISTER
PORTF
ADC
PD0 - PD7
DATA DIR.
REG. PORTG
DATA REG.
PORTG
PORTG DRIVERS
PG0 - PG4
AGND
AREF
AVCC
UNIVERSAL
SERIAL INTERFACE
AVR CPU
LCD
CONTROLLER/
DRIVER


Similar Part No. - ATMEGA649V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA649V ATMEL-ATMEGA649V Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649V ATMEL-ATMEGA649V Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649V ATMEL-ATMEGA649V Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649V ATMEL-ATMEGA649V Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
ATMEGA649V-8AI ATMEL-ATMEGA649V-8AI Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
More results

Similar Description - ATMEGA649V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329 ATMEL-ATMEGA329_06 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_06 Datasheet
322Kb / 27P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A_14 Datasheet
5Mb / 336P
   8-bit Microcontroller with 32KBytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
   8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com