Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV2512CA1008K200S2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HV2512CA1008K200S2
Description  High Voltage Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HV2512CA1008K200S2 Datasheet(HTML) 1 Page - Vishay Siliconix

  HV2512CA1008K200S2 Datasheet HTML 1Page - Vishay Siliconix HV2512CA1008K200S2 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CRHV
www.vishay.com
Vishay Techno
Revision: 02-Oct-14
1
Document Number: 68002
For technical questions, contact: te1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Chip Resistors, High Voltage
FEATURES
• High voltage up to 3000 V
• Outstanding stability < 0.5 %
• Flow solderable
• Custom sizes available
• Automatic placement capability
• Tape and reel packaging available
• Termination style: 3-sided wraparound termination or
single termination flip chip standard; 5-sided wraparound
termination available
• Internationally standardized sizes
• Suitable for solderable, epoxy bondable, or wire bondable
applications
• Termination material: solder-coated nickel barrier or
solder coated non-magnetic terminations standard; gold,
palladium silver, platinum gold, platinum silver or platinum
palladium gold terminations available
• Multiple styles, termination materials and configurations,
allow wide design flexibility
• Epoxy
bondable
or
wire
bondable
non-magnetic
terminations available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
Notes
• For non-standard sizes, lower values or higher power rating requirement, contact factory.
(1) Continuous working voltage shall be
or maximum working voltage, whichever is less.
(2) Resistance values below 1 G
 are calibrated at 100 V
DC, and values of 1 G and above are calibrated at 1000 VDC. Calibration at other
voltages available upon request.
(3) Contact factory for tighter tolerances.
(4) Reference only: Not for all values specified. Consult factory for your size and value.
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
CASE SIZE
POWER RATING
P70 °C
W
MAXIMUM
WORKING
VOLTAGE (1)
V
RESISTANCE
RANGE (2)
TOLERANCE (3)
± %
TEMPERATURE
COEFFICIENT (4)
(-55 °C to +155 °C)
± ppm/°C
CRHV1206
1206
0.30
1500
2M to 100M
0.5
100
2M to 1G
1, 2, 5, 10, 20
1.1G to 8G
2, 5, 10, 20
CRHV1210
1210
0.45
1750
4M to 100M
0.5
100
4M to 1G
1, 2, 5, 10, 20
1.1G to 10G
2, 5, 10, 20
CRHV2010
2010
0.50
2000
6M to 100M
0.5
100
6M to 1G
1, 2, 5, 10, 20
1.1G to 10G
2, 5, 10, 20
11G to 35G
5, 10, 20
CRHV2510
2510
0.60
2500
10M to 100M
0.5
100
10M to 1G
1, 2, 5, 10, 20
1.1G to 10G
2, 5, 10, 20
11G to 40G
5, 10, 20
CRHV2512
2512
1.0
3000
12M to 100M
0.5
100
12M to 1G
1, 2, 5, 10, 20
1.1G to 10G
2, 5, 10, 20
11G to 50G
5, 10, 20
P x R


Similar Part No. - HV2512CA1008K200S2

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
HV25 YHDC-HV25 Datasheet
4Mb / 1P
   Hall voltage sensor
HV25-XXX YHDC-HV25-XXX Datasheet
12Mb / 1P
   Hall voltage sensor
logo
Supertex, Inc
HV254 SUTEX-HV254 Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
HV254DB1 SUTEX-HV254DB1 Datasheet
109Kb / 2P
   High Voltage Amplifier Array
HV254FG SUTEX-HV254FG Datasheet
276Kb / 7P
   32-Channel High Voltage Amplifier Array
More results

Similar Description - HV2512CA1008K200S2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVC WELWYN-HVC Datasheet
227Kb / 3P
   High Voltage Chip Resistors
logo
YAGEO Corporation
RV0603DR-0710KL YAGEO-RV0603DR-0710KL Datasheet
928Kb / 9P
   HIGH VOLTAGE CHIP RESISTORS
logo
IRC - a TT electronics ...
TKC-HVC1206100K-K IRCTT-TKC-HVC1206100K-K Datasheet
295Kb / 2P
   High Voltage Chip Resistors
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ391 ROHM-KTR18EZPJ391 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com