Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V300C24H150A Datasheet(PDF) 3 Page - Vicor Corporation

Part # V300C24H150A
Description  DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300C24H150A Datasheet(HTML) 3 Page - Vicor Corporation

  V300C24H150A Datasheet HTML 1Page - Vicor Corporation V300C24H150A Datasheet HTML 2Page - Vicor Corporation V300C24H150A Datasheet HTML 3Page - Vicor Corporation V300C24H150A Datasheet HTML 4Page - Vicor Corporation V300C24H150A Datasheet HTML 5Page - Vicor Corporation V300C24H150A Datasheet HTML 6Page - Vicor Corporation V300C24H150A Datasheet HTML 7Page - Vicor Corporation V300C24H150A Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
V48C28C150A DC-DC Converter
Rev. 5.1
Page 3 of 8
Set your site on VICOR at www.vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage (in to out)
3000
Vrms
Complies with reinforced insulation requirements
Isolation voltage (in to base)
1550
Vrms
Complies with basic insulation requirements
Isolation voltage (out to base)
500
Vrms
Complies with operational insulation requirements
Isolation resistance (in to out)
10
megohms
Weight
2.1 (60)
2.3(66)
ounces (grams)
Temperature limiting
100
115
°C
See Figs. 2 and 4
Agency approvals
UL, CSA, TÜV, BABT, CE, VDE
UL1950, CSA950, EN60950, VDE0805, BS7002,
IEC 60950. With a fuse in series with the +Input
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
ELECTRICAL CHARACTERISTICS, continued
Parameter
Min
Typ
Max
Unit
Notes
PRIMARY SIDE
(PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.00
Vdc
PC current = 1.0 mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5V
PC module disable
2.3
2.6
2.9
Vdc
Must be able to sink
≥4 mA. See Fig. 1
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 2 and 4
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30 ohms, < 30 pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
ohms
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20ns
PR drive capability
12
modules
Without PR buffer amplifier
SECONDARY SIDE
(SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.25
Vdc
Referenced to – Out
SC resistance
990
1000
1010
ohms
SC capacitance
0.033
µF
SC module alarm
0
Vdc
With open trim; referenced to –Out. See Fig. 6


Similar Part No. - V300C24H150A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C24H150B VICOR-V300C24H150B Datasheet
142Kb / 8P
   300Vin / 24Vout / 150Watts DC-DC Converter Module
V300C24H150BF2 VICOR-V300C24H150BF2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C24H150BG2 VICOR-V300C24H150BG2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C24H150BL2 VICOR-V300C24H150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300C24H150BN2 VICOR-V300C24H150BN2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
More results

Similar Description - V300C24H150A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com