Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVCH16646APA Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT74LVCH16646APA
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS 5 VOLT TOLERANT I/O AND BUS-HOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVCH16646APA Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT74LVCH16646APA Datasheet HTML 1Page - Integrated Device Technology IDT74LVCH16646APA Datasheet HTML 2Page - Integrated Device Technology IDT74LVCH16646APA Datasheet HTML 3Page - Integrated Device Technology IDT74LVCH16646APA Datasheet HTML 4Page - Integrated Device Technology IDT74LVCH16646APA Datasheet HTML 5Page - Integrated Device Technology IDT74LVCH16646APA Datasheet HTML 6Page - Integrated Device Technology IDT74LVCH16646APA Datasheet HTML 7Page - Integrated Device Technology IDT74LVCH16646APA Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
INDUSTRIALTEMPERATURERANGE
8
IDT74LVCH16646A
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
PV
PA
PF
16
74
Shrink Small Outline Package
Thin Shrink Small Outline Package
Thin Very Small Outline Package
16-Bit Bus Transceiver/Register with
3-State Outputs and 5 Volt Tolerant I/O
-40°C to +85°C
XXX
Family
Bus-Hold
646A
Bus-hold
Double-Density, ±24mA
H


Similar Part No. - IDT74LVCH16646APA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74LVCH16646A RENESAS-IDT74LVCH16646A Datasheet
528Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
JANUARY 2016
More results

Similar Description - IDT74LVCH16646APA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74LVCH16646A RENESAS-IDT74LVCH16646A Datasheet
528Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
JANUARY 2016
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A_08 Datasheet
825Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCH16245A RENESAS-IDT74LVCH16245A Datasheet
471Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVCH16245A IDT-IDT74LVCH16245A Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O AND BUS-HOLD
IDT74LVCHR162245A IDT-IDT74LVCHR162245A Datasheet
103Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
logo
Renesas Technology Corp
IDT74LVCHR162245A RENESAS-IDT74LVCHR162245A Datasheet
486Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3 STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
OCTOBER 2015
logo
Integrated Device Techn...
IDT74LVC16646A IDT-IDT74LVC16646A Datasheet
211Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O
IDT74LVCH16652 IDT-IDT74LVCH16652 Datasheet
116Kb / 8P
   3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, BUS-HOLD
IDT74LVCH32245A IDT-IDT74LVCH32245A Datasheet
135Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
logo
Renesas Technology Corp
74LVCH32245A RENESAS-74LVCH32245A Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com