Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL-155YGXTU Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # CL-155YGXTU
Description  ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CL-155YGXTU Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  CL-155YGXTU Datasheet HTML 1Page - List of Unclassifed Manufacturers CL-155YGXTU Datasheet HTML 2Page - List of Unclassifed Manufacturers CL-155YGXTU Datasheet HTML 3Page - List of Unclassifed Manufacturers CL-155YGXTU Datasheet HTML 4Page - List of Unclassifed Manufacturers CL-155YGXTU Datasheet HTML 5Page - List of Unclassifed Manufacturers CL-155YGXTU Datasheet HTML 6Page - List of Unclassifed Manufacturers CL-155YGXTU Datasheet HTML 7Page - List of Unclassifed Manufacturers CL-155YGXTU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
11
輝度
Brightness
外形寸法
Size(mm)
シリーズ
Series
イエロー yellow
標準輝度
Standard brightness
高輝度
Super brightness
標準輝度
Standard brightness
高輝度
Super brightness
標準輝度
Standard brightness
発光色
Lighting color
Red
Orange
Yellow
レモン Lemon
黄緑 Yellow green
Green
新緑 Fresh green
純緑 Pure green
Red
Orange
Red
Red
Red
Orange
Yellow
レモン Lemon
黄緑 Yellow green
Green
新緑 Fresh green
純緑 Pure green
Red
Orange
Red
Red
黄緑 Yellow green
CL-197
1.6(L)
×
0.8(w)
×
0.4(H)
CL-196
1.6(L)
×
0.8(w)
×
0.6(H)
CL-195
1.6(L)
×
0.8(W)
×
0.8(H)
超高輝度
Ultra brightness
超高輝度
High brightness
輝度
Brightness
外形寸法
Size(mm)
シリーズ
Series
標準輝度
Standard brightness
発光色
Lighting color
Red
Orange
Yellow
レモン Lemon
黄緑 Yellow green
Green
新緑 Fresh green
純緑 Pure green
Red
Orange
Red
Red
Red
Orange
Orange
レモン Lemon
黄緑 Yellow green
Green
Green
青緑 Blue Green
Blue
Blue
Blue
Red
Orange
Yellow
レモン Lemon
黄緑 Yellow green
Green
新緑 Fresh green
純緑 Pure green
Red
Orange
Red
部品コード
Code for parts
CL-201R-C
CL-201D-C
CL-201Y-C
CL-201LY-C
CL-201YG-C
CL-201G-C
CL-201FG-C
CL-201PG-C
CL-201SR-C
CL-201SD-C
CL-201UR-C
CL-201HR-C
CL-201TR1-C
CL-201TD-C
CL-201TD3-C
CL-201TLY-C
CL-201SYG-C
CL-201G1-C
CL-201HG-C
CL-201BG1-C
CL-201UB
CL-201B1
CL-201HB
CL-221R-C
CL-221D-C
CL-221Y-C
CL-221LY-C
CL-221YG-C
CL-221G-C
CL-221FG-C
CL-221PG-C
CL-221SR-C
CL-221SD-C
CL-221UR-C
ピーク発光波長
Peak wave length(nm)
700
605
589
584
570
567
560
557
650
630
660
660
624
612
612
590
574
523
515
502
428
468
470
700
605
589
584
570
567
560
557
650
630
660
CL-201
3.2(L)
×
2.4(W)
×
2.4(H)
イエロー yellow
ページ
Page
41
41
41
41
41
41
41
41
41
41
41
41
22
22
22
22
22
20
20
20
20
20
20
40
40
40
40
40
40
40
40
40
40
40
超高輝度
Ultra brightness
高輝度
Super brightness
イエロー yellow
超高輝度
High brightness
超高輝度
Ultra brightness
高輝度
Super brightness
標準輝度
Standard brightness
CL-221
2.7(L)
×
1.2(W)
×
1.3(H)
※ パッケージの色については未量産の
機種もございますので、ご使用の際にはご確認願います。
※ Some package colors are not mass produced,
so please check at the time of use.
ピーク発光波長
Peak wave length(nm)
700
605
589
584
570
567
560
557
650
630
660
660
700
605
589
584
570
567
560
557
650
630
660
660
570
部品コード
Code for parts
CL-195R-CD
CL-195D-CD
CL-195Y-CD
CL-195LY-CD
CL-195YG-CD
CL-195G-CD
CL-195FG-CD
CL-195PG-CD
CL-195SR-CD
CL-195SD-CD
CL-195UR-CD
CL-195HR-CD
CL-196R-CD
CL-196D-CD
CL-196Y-CD
CL-196LY-CD
CL-196YG-CD
CL-196G-CD
CL-196FG-CD
CL-196PG-CD
CL-196SR-CD
CL-196SD-CD
CL-196UR-CD
CL-196HR-CD
CL-197YG-CD
ページ
Page
44
44
44
44
44
44
44
44
44
44
44
44
43
43
43
43
43
43
43
43
43
43
43
43
42
超高輝度
Ultra brightness
超高輝度
High brightness
イエロー yellow
イエロー yellow
CL-221超高輝度は次ページの表へ続く
CL-221 ultra brightness information
continues on the table of the next page.


Similar Part No. - CL-155YGXTU

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-155YG-CD-T CITIZEN-CL-155YG-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
CL-155YG-XD-T CITIZEN-CL-155YG-XD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
More results

Similar Description - CL-155YGXTU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-150 ETC-CL-150 Datasheet
349Kb / 8P
   ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
CITIZEN ELECTRONICS CO....
CL-150UR-CD-T CITIZEN-CL-150UR-CD-T Datasheet
345Kb / 8P
   Featuring world-class product variations and ease of SMD assembly. Ultra-small Chip-LEDs for use in various electronic products.
logo
Renesas Technology Corp
3826 RENESAS-3826_07 Datasheet
280Kb / 12P
   Difference among various products
7560_0308 RENESAS-7560_0308 Datasheet
306Kb / 12P
   Difference among various products
3851 RENESAS-3851_10 Datasheet
67Kb / 4P
   Difference among various products
3822G RENESAS-3822G Datasheet
382Kb / 14P
   Difference among various products
3886 RENESAS-3886_10 Datasheet
68Kb / 3P
   Difference among various products
logo
Sanyo Semicon Device
LA7018 SANYO-LA7018 Datasheet
129Kb / 3P
   Electronic Switch for Use in VTR Applications
LA7019 SANYO-LA7019 Datasheet
132Kb / 3P
   ELECTRONIC SWITCH FOR USE IN VTR APPLICATIONS
logo
Renesas Technology Corp
38C2 RENESAS-38C2 Datasheet
388Kb / 14P
   Difference among various products
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com