Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCSPT857CPAI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTCSPT857CPAI
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPT857CPAI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTCSPT857CPAI Datasheet HTML 1Page - Integrated Device Technology IDTCSPT857CPAI Datasheet HTML 2Page - Integrated Device Technology IDTCSPT857CPAI Datasheet HTML 3Page - Integrated Device Technology IDTCSPT857CPAI Datasheet HTML 4Page - Integrated Device Technology IDTCSPT857CPAI Datasheet HTML 5Page - Integrated Device Technology IDTCSPT857CPAI Datasheet HTML 6Page - Integrated Device Technology IDTCSPT857CPAI Datasheet HTML 7Page - Integrated Device Technology IDTCSPT857CPAI Datasheet HTML 8Page - Integrated Device Technology IDTCSPT857CPAI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
2003
Integrated Device Technology, Inc.
DSC-6201/13
c
IDTCSPT857C
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
2.5V - 2.6V PHASE LOCKED
LOOP DIFFERENTIAL 1:10
SDRAM CLOCK DRIVER
JUNE 2003
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• 1 to 10 differential clock distribution
• Optimized for clock distribution in DDR (Double Data Rate)
SDRAM applications
• Operating frequency: 60MHz to 220MHz
• Very low skew:
– <100ps for PC1600 - PC2700
– <75ps for PC3200
• Very low jitter:
– <75ps for PC1600 - PC2700
– <50ps for PC3200
• 2.5V AVDD and 2.5V VDDQ for PC1600-PC2700
• 2.6V AVDD and 2.6V VDDQ for PC3200
• CMOS control signal input
• Test mode enables buffers while disabling PLL
• Low current power-down mode
• Tolerant of Spread Spectrum input clock
• Available in 48-pin TSSOP and TVSOP, 40-pin VFQFPN, and 56-
pin VFBGA packages
DESCRIPTION:
TheCSPT857CisaPLLbasedclockdriverthatactsasazerodelaybuffer
todistributeonedifferentialclockinputpair(CLK,CLK)to10differentialoutput
pairs(Y[0:9],Y[0:9])andonedifferentialpairoffeedbackclockoutput(FBOUT,
FBOUT). External feedback pins (FBIN, FBIN) for synchronization of the
outputs to the input reference is provided. A CMOS Enable/Disable pin is
available for low power disable. When the input frequency falls below
approximately20MHz,thedevicewillenterpowerdownmode. Inthismode,
the receivers are disabled, the PLL is turned off, and the output clock drivers
aretristated,resultinginacurrentconsumptionoflessthan200
µA.
TheCSPT857Crequiresnoexternalcomponentsandhasbeenoptimised
forverylowI/Ophaseerror,skew,andjitter,whilemaintainingfrequencyand
duty cycleovertheoperatingvoltageandtemperaturerange.TheCSPT857C,
designedforuseinbothmoduleassembliesandsystemmotherboardbased
solutions,providesanoptimumhigh-performanceclocksource.
The CSPT857C is available in Commercial Temperature Range (0°C to
+70°C) and Industrial Temperature Range (-40°C to +85°C). See Ordering
Informationfordetails.
APPLICATIONS:
• Meets or exceeds JEDEC standard JESD 82-1A for registered
DDR clock driver
• Meets proposed DDR1-400 specification
• For all DDR1 speeds: PC1600 (DDR200), PC2100 (DDR266),
PC2700 (DDR333), PC3200 (DDR400)
• Along with SSTV16857, SSTVF16857, SSTV16859, SSTVM16859,
SSTVF16859, DDR1 register, provides complete solution for
DDR1 DIMMs


Similar Part No. - IDTCSPT857CPAI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPT857 IDT-IDTCSPT857 Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABV IDT-IDTCSPT857ABV Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABVI IDT-IDTCSPT857ABVI Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857APA IDT-IDTCSPT857APA Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results

Similar Description - IDTCSPT857CPAI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com