Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCSPT857CPAGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDTCSPT857CPAGI
Description  2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCSPT857CPAGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDTCSPT857CPAGI Datasheet HTML 5Page - Integrated Device Technology IDTCSPT857CPAGI Datasheet HTML 6Page - Integrated Device Technology IDTCSPT857CPAGI Datasheet HTML 7Page - Integrated Device Technology IDTCSPT857CPAGI Datasheet HTML 8Page - Integrated Device Technology IDTCSPT857CPAGI Datasheet HTML 9Page - Integrated Device Technology IDTCSPT857CPAGI Datasheet HTML 10Page - Integrated Device Technology IDTCSPT857CPAGI Datasheet HTML 11Page - Integrated Device Technology IDTCSPT857CPAGI Datasheet HTML 12Page - Integrated Device Technology IDTCSPT857CPAGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
IDTCSPT857C
2.5V - 2.6V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
SWITCHING CHARACTERISTICS FOR PC3200
Symbol
Description
Test Conditions
Min.
Typ.(1)
Max.
Unit
tPLH(1)
LOW to HIGH Level Propagation Delay Time
Test mode, CLK to any output
4.5
ns
tPHL(1)
HIGH to LOW Level Propagation Delay Time
Test mode, CLK to any output
4.5
ns
tJIT(PER)
Jitter(period),seefigure6
66MHz
– 90
90
ps
200 MHz
– 50
50
tJIT(CC)
Jitter(cycle-to-cycle),seefigure3
66MHz
–180
180
ps
200 MHz
– 75
75
tJIT(HPER)
Half-PeriodJitter,seefigure7
66MHz
–160
160
ps
200 MHz
– 75
75
tSLR(O)
OutputClockSlewRate(Single-Ended)
200 MHz (20% to 80%)
1
2.5
V/ns
tSLR(I)
Input Clock Slew Rate
1
4
V/ns
t(∅)
StaticPhaseOffset,seefigure4(2,3)
200 MHz
– 50
50
ps
tSK(O)
Output Skew, see figure 5
75
ps
tR,tF
Output Rise and Fall Times (20% to 80%)
Load: 120
Ω / 14pF
650
900
ps
VOX(5)
OutputDifferentialVoltage
Differentialoutputsareterminated
VDDQ/2
VDDQ/2
V
with 120
–0.15
+ 0.15
The PLL on the CSPT857 will meet all the above test parameters while supporting SSC synthesizers(4) with the following parameters:
SSC
ModulationFrequency
30
50
KHz
SSC
ClockInputFrequencyDeviation
0
-0.5
%
f3dB
PLLLoopBandwidth

5
MHz
NOTES:
1. Refers to transition of non-inverting output.
2. Static phase offset does not include jitter.
3. t(
φ) is measured with input clock slew rate tSLR(I) = 2V/ns and an input differential voltage VID of 1.75V.
4. The SSC requirements meet the Intel PC100 SDRAM Registered DIMM specification.
5. VOX is specified at the SDRAM clock input or test load.


Similar Part No. - IDTCSPT857CPAGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCSPT857 IDT-IDTCSPT857 Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABV IDT-IDTCSPT857ABV Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857ABVI IDT-IDTCSPT857ABVI Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857APA IDT-IDTCSPT857APA Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results

Similar Description - IDTCSPT857CPAGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877D IDT-IDTCSPU877D Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPU877A IDT-IDTCSPU877A Datasheet
139Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPU877 RENESAS-CSPU877 Datasheet
306Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPU877A IDT-IDTCSPU877A_06 Datasheet
121Kb / 13P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPUA877 RENESAS-CSPUA877 Datasheet
292Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
OCTOBER 2006
logo
Integrated Device Techn...
IDTCSPUA877A IDT-IDTCSPUA877A Datasheet
116Kb / 14P
   1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com