Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT59920-7SO Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT59920-7SO
Description  LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT59920-7SO Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT59920-7SO Datasheet HTML 1Page - Integrated Device Technology IDT59920-7SO Datasheet HTML 2Page - Integrated Device Technology IDT59920-7SO Datasheet HTML 3Page - Integrated Device Technology IDT59920-7SO Datasheet HTML 4Page - Integrated Device Technology IDT59920-7SO Datasheet HTML 5Page - Integrated Device Technology IDT59920-7SO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT59920A
LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
PIN CONFIGURATION
NOTE:
1. Stresses beyond those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
Supply Voltage to Ground
–0.5 to +7
V
VI
DC Input Voltage
–0.5 to +7
V
Maximum Power Dissipation (TA = 85°C)
530
mW
TSTG
Storage Temperature
–65 to +150
°C
NOTE:
1. Capacitance applies to all inputs except TEST and FS. It is characterized but not
production tested.
CAPACITANCE(TA=+25°C,f=1MHz,VIN=0V)
Parameter
Description
Typ.
Max.
Unit
CIN
InputCapacitance
5
7
pF
PIN DESCRIPTION
Pin Name
Type
Description
REF
IN
ReferenceClockInput
FB
IN
FeedbackInput
TEST(1)
IN
When MID or HIGH, disables PLL (except for conditions of Note 1). REF goes to all outputs. Set LOW for normal operation.
GND/ sOE(1)
IN
Synchronous Output Enable. When HIGH, it stops clock outputs (except Q2 and Q3) in a LOW state - Q2 and Q3 may be used as the
feedback signal to maintain phase lock. Set GND/sOE LOW for normal operation.
VDDQ/PE
IN
Selectablepositiveornegativeedgecontrol. WhenLOW/HIGHtheoutputsaresynchronizedwiththenegative/positiveedge ofthe
referenceclock.
FS(2)
IN
Frequency range select. 3 level input.
FS = GND: 15 to 35MHz
FS = MID (or open): 25 to 60MHz
FS = VDD: 40 to 100MHz
Q0 - Q7
OUT
Eightclockoutput
VDDN
PWR
Powersupplyforoutputbuffers
VDDQ
PWR
Powersupplyforphase lockedloop and other internal circuitry
GND
PWR
Ground
NOTES:
1. When TEST = MID and GND/sOE = HIGH, PLL remains active.
2. This input is wired to VDD, GND, or unconnected. Default is MID level. If it is switched in the real time mode, the outputs may glitch, and the PLL may require an additional
lock time before all data sheet limits are achieved.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
REF
FS
NC
VDDQ/PE
Q0
Q1
GND
Q2
Q3
GND
TEST
NC
GND/sOE
Q7
Q6
GND
Q5
Q4
FB
VDDN
VDDN
VDDQ
VDDN
VDDN
SOIC
TOP VIEW


Similar Part No. - IDT59920-7SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5992-5JI IDT-IDT5992-5JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992-7JI IDT-IDT5992-7JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A-2J IDT-IDT5992A-2J Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5992A-2JI IDT-IDT5992A-2JI Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
More results

Similar Description - IDT59920-7SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT59910A IDT-IDT59910A Datasheet
52Kb / 6P
   LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR.
IDT5V9910A IDT-IDT5V9910A Datasheet
88Kb / 6P
   3.3V LOW SKEW PLL CLOCK DRIVER TURBOCLOCK JR
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com