Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13109A Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC13109A
Description  UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13109A Datasheet(HTML) 4 Page - Motorola, Inc

  MC13109A Datasheet HTML 1Page - Motorola, Inc MC13109A Datasheet HTML 2Page - Motorola, Inc MC13109A Datasheet HTML 3Page - Motorola, Inc MC13109A Datasheet HTML 4Page - Motorola, Inc MC13109A Datasheet HTML 5Page - Motorola, Inc MC13109A Datasheet HTML 6Page - Motorola, Inc MC13109A Datasheet HTML 7Page - Motorola, Inc MC13109A Datasheet HTML 8Page - Motorola, Inc MC13109A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MC13109A
4
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to + 5.5
Vdc
Junction Temperature
TJ
– 65 to +150
°C
NOTES: 1. Devices should not be operated at or outside these limits. The “Recommended Operating
Conditions” table provides for actual device operation.
2. ESD data available upon request.
3. Meets Human Body Model (HBM)
≤2000V and Machine Model (MM) ≤200V.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Min
Typ
Max
Unit
VCC
2.0
5.5
Vdc
Operating Ambient Temperature
–20
85
°C
NOTE: All limits are not necessarily functional concurrently.
ELECTRICAL CHARACTERISTICS (VCC = 2.6 V, TA = 25°C, RF In = 46.61 MHz,
fDEV = ± 3.0 kHz, fmod = 1.0 kHz; Test Circuit Figure 1.)
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY
Static Current
Active Mode (VCC = 2.6 V)
6.1
12
mA
Active Mode (VCC = 3.6 V)
6.5
mA
Receive Mode (VCC = 2.6 V)
3.9
7.0
mA
Receive Mode (VCC = 3.6 V)
4.3
mA
Standby Mode (VCC = 2.6 V)
320
600
µA
Standby Mode (VCC = 3.6 V)
550
µA
Inactive Mode (VCC = 2.6 V)
40
80
µA
Inactive Mode (VCC = 3.6 V)
54
µA


Similar Part No. - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FB MOTOROLA-MC13109FB Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13109FTA MOTOROLA-MC13109FTA Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
More results

Similar Description - MC13109A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
   Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
   UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
List of Unclassifed Man...
PCT14 ETC1-PCT14 Datasheet
396Kb / 11P
   Cordless Telephone Handest Subsystem
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
   Cordless Universal Telephone Interface
logo
NXP Semiconductors
UAA2062 PHILIPS-UAA2062 Datasheet
170Kb / 40P
   Analog cordless telephone IC
2000 Aug 10
logo
Panasonic Semiconductor
AN6167S PANASONIC-AN6167S Datasheet
46Kb / 3P
   Cordless Telephone Speech Network IC
AN6166NK PANASONIC-AN6166NK Datasheet
221Kb / 4P
   Cordless Telephone Speech Network IC
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com