Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDT8020-TM-NN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SDT8020-TM-NN
Description  Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SDT8020-TM-NN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SDT8020-TM-NN Datasheet HTML 1Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 2Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 3Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 4Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 5Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 6Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 7Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 8Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 5 / 9 -
(SDT8028-T_-Q_)
Specification : TS-S96D048F
July, 2001
7. Optical Interface
( Unless otherwise specified, Vcc-Vee = 4.75 to 5.25 V @2488.32Mbps, PRBS2^23-1, 50% duty
and all operating temperature shall apply. )
Warning
Do not look at the laser beam projection area (e.g. end of optical connector) with naked eyes or through optical equipment while
the power is supplied to this product. Otherwise, your eyes may be injured.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Optical Output Power
Po
-10.0
-3.0
dBm
Optical Output Power (disable)
Podis
-45.0
dBm
Extinction Ratio
Er
8.2
dB
Center Wavelength
λc
1266
1360
nm
Spectral Width (RMS)
∆λ
4.0
nm
Output Eye Diagram
Compliant with Bellcore G-253 CORE and ITU G957
1
Note1. Refer to Figure 6 for the eye diagram mask
LD
M onito r
PIN -PD
Vc c
Bia s
Circ uit
200
3k Ω
10
Pin 3
RFM (+ )
P in 21
B M (-)
P in 22
BM (+)
Pin 4
R FM (-)
APC
Circ uit
3k
3k
3k
Figure 5. BM and RFM Interface
1.25
1.00
0.75
0.25
0
-0 .2 5
0.20
UI
T im e (U I)
01 .0
Logic " 1 "
Logic " 0 "
Figure 6. Eye Diagram Mask for Optical Output


Similar Part No. - SDT8020-TM-NN

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDT802-SB SEOUL-SDT802-SB Datasheet
899Kb / 24P
   Applicable for automotive Exterior light
More results

Similar Description - SDT8020-TM-NN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDT8018 ETC-SDT8018 Datasheet
93Kb / 9P
   2.5Gbps Fiber Optic Transmitter Module
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF370A TTELEC-OPF370A Datasheet
1,012Kb / 5P
   Fiber Optic Transmitter
OPF392 TTELEC-OPF392 Datasheet
502Kb / 4P
   Fiber Optic Transmitter
OPF395 TTELEC-OPF395 Datasheet
497Kb / 4P
   Fiber Optic Transmitter
OPF672 TTELEC-OPF672 Datasheet
803Kb / 3P
   Fiber Optic Transmitter
OPF322A TTELEC-OPF322A Datasheet
743Kb / 4P
   Fiber Optic Transmitter
OPF347A TTELEC-OPF347A Datasheet
764Kb / 4P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com