Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54642A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 54642A
Description  54600-Series Oscilloscopes
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

54642A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  54642A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 54642A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Affordable and Responsive
MegaZoom deep memory
With 4 MB to 8 MB of MegaZoom
deep memory, 54600-Series
scopes give you deep-memory
capture without the sluggish
response and complex operation
you’ve had to tolerate with other
deep-memory scopes. And unlike
the alternatives, MegaZoom deep
memory is not a special mode.
That means it’s always available
to help you find details buried
in complex signals, discover
anomalies, correlate high-speed
digital control signals with slower
analog signals and capture
infrequent events.
The dilemma of having to trigger
twice to get a long time capture
or to see detailed resolution is
solved with MegaZoom deep
memory as you can have both
with a single measurement. Deep
memory means that the sample
rate stays high even when captur-
ing long time periods.
The 54600-Series scopes are the
only deep-memory scopes that
respond instantly to your control
inputs with a fast, responsive
display. Compare them to other
scopes in this price range – only
the 54600-Series provides deep
memory at an affordable price.
Figure 3. The bright dot on the high-definition display is a distortion in 1 of the 1,500
pulses captured in this single-shot measurement. Simply dial in for a closer look using
MegaZoom pan and zoom, and you’ll see the details that would have escaped other
scopes, such as the distortion in this square wave. This deep memory and display system
is not a special mode; it is available on every measurement pass at full speed.


Similar Part No. - 54642A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54642-0439 MOLEX7-54642-0439 Datasheet
131Kb / 3P
   0.80mm (.031") Pitch IEEE 1394a-2000 Shielded I/O PCB Socket, Right Angle, MiniType, Lead-free
54642-0471 MOLEX7-54642-0471 Datasheet
189Kb / 4P
   0.80mm (.031") Pitch IEEE 1394a-2000 Shielded I/O PCB Socket, Right Angle, MiniType, Reel, Lead-free
logo
Festo Corporation.
546422 FESTO-546422 Datasheet
64Kb / 1P
   Basic valve
546423 FESTO-546423 Datasheet
65Kb / 1P
   Basic valve
546424 FESTO-546424 Datasheet
95Kb / 1P
   Basic valve
More results

Similar Description - 54642A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
DSOXT3CXPI KEYSIGHT-DSOXT3CXPI Datasheet
2Mb / 26P
   X-Series Oscilloscopes
N8811A KEYSIGHT-N8811A Datasheet
1Mb / 7P
   Infiniium Series Oscilloscopes
N6465A KEYSIGHT-N6465A Datasheet
3Mb / 9P
   Infiniium Series Oscilloscopes
E2666B KEYSIGHT-E2666B Datasheet
2Mb / 26P
   X-Series Oscilloscopes
DSOZ594A KEYSIGHT-DSOZ594A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES_17 Datasheet
11Mb / 47P
   Infiniium V-Series Oscilloscopes
DSAZ254A KEYSIGHT-DSAZ254A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
DSAZ632A KEYSIGHT-DSAZ632A Datasheet
4Mb / 41P
   Infiniium Z-Series Oscilloscopes
V-SERIES KEYSIGHT-V-SERIES Datasheet
3Mb / 45P
   Infiniium V-Series Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com