Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR18ND04 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FBR18ND04
Description  MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR18ND04 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FBR18ND04 Datasheet HTML 1Page - Fujitsu Component Limited. FBR18ND04 Datasheet HTML 2Page - Fujitsu Component Limited. FBR18ND04 Datasheet HTML 3Page - Fujitsu Component Limited. FBR18ND04 Datasheet HTML 4Page - Fujitsu Component Limited. FBR18ND04 Datasheet HTML 5Page - Fujitsu Component Limited. FBR18ND04 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
FBR18 SERIES
NOT
FOR
NEW
DESIGNS
FBR18ND/HD
TO
BE
DISCONTINIED
-
EXCEPT
FBR18WD
s PACKING
(1) Quantity of 1 reel : 500 pieces
• Packing orientation code: B
(2) Dimensions (in mm)
• REEL DIMENSIONS
• TAPE DIMENSIONS
Note:
Relays are sold in packs of 500 pieces, please order
500 pieces as 1 unit.
Feeding
Orientation mark side
IRS (Infrared Reflow Soldering)
T 3
T 2
T 1
T 3 = 245
°C max.
T 2 = 200
°C max.
T 1 = 165
°C max.
0
soldering
preheating
cooling
120 sec maximum
30 sec
Max.
VPS (Vapor Phase Soldering)
T 3
T 2
T 1
T 3 = 200
°C maximum
T 2 = 165
°C maximum
T 1 = 100
°C maximum
0
soldering
preheating
cooling
90 sec Max.
60 sec Max.
60 sec Max.
215
°C maximum
s RECOMMENDED SOLDERING CONDITIONS
(TEMPERATURE PROFILE)
Note:
1.Temperature profiles show the temperature of PC board surface.
2.Please perform soldering test with your actual PC board before
mass production, since the temperatures of PC board surfaces
vary according to the size of PC board, status of parts mounting
and heating method.


Similar Part No. - FBR18ND04

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR1000 EIC-FBR1000 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
logo
Edal Industries, Inc.
FBR1000 EDAL-FBR1000 Datasheet
82Kb / 1P
   Silicon Fast Recovery Bridge Rectifier
logo
EIC discrete Semiconduc...
FBR1000 EIC-FBR1000 Datasheet
48Kb / 2P
   FAST RECOVERY
FBR1000 EIC-FBR1000_05 Datasheet
48Kb / 2P
   FAST RECOVERY
FBR1001 EIC-FBR1001 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FBR18ND04

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com