Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT49C50-1 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT49C50-1
Description  LCD Type 8-Bit MCU
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C50-1 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT49C50-1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT49C50-1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT49C50-1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT49C50-1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT49C50-1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT49C50-1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT49C50-1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT49C50-1 Datasheet HTML 11Page - Holtek Semiconductor Inc HT49C50-1 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
HT49R50A-1/HT49C50-1/HT49C50L
Rev. 2.00
8
November 29, 2005
Functional Description
Execution Flow
The system clock is derived from either a crystal or an
RC oscillator or a 32768Hz crystal oscillator. It is inter-
nally divided into four non-overlapping clocks. One in-
struction cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes one instruction cycle while de-
coding and execution takes the next instruction cycle.
The pipelining scheme causes each instruction to effec-
tively execute in a cycle. If an instruction changes the
value of the program counter, two cycles are required to
complete the instruction.
Program Counter
- PC
The program counter (PC) is of 12 bits wide and controls
the sequence in which the instructions stored in the pro-
gram ROM are executed. The contents of the PC can
specify a maximum of 4096 addresses.
After accessing a program memory word to fetch an in-
struction code, the value of the PC is incremented by
one. The PC then points to the memory word containing
the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading a PCL register, a subroutine call, an ini-
tial reset, an internal interrupt, an external interrupt, or
returning from a subroutine, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get a proper instruction; oth-
erwise proceed with the next instruction.
The lower byte of the PC (PCL) is a readable and
writeable register (06H). Moving data into the PCL per-
forms a short jump. The destination is within 256 locations.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow
Mode
Program Counter
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
0
000000
0
0
0
0
0
External Interrupt 0
0
000000
0
0
1
0
0
External Interrupt 1
0
000000
0
1
0
0
0
Timer/Event Counter 0 overflow
0
000000
0
1
1
0
0
Timer/Event Counter 1 overflow
0
000000
1
0
0
0
0
Time Base Interrupt
0
000000
1
0
1
0
0
RTC Interrupt
0
000000
1
1
0
0
0
Skip
Program Counter + 2
Loading PCL
*11
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return From Subroutine
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*11~*0: Program counter bits
S11~S0: Stack register bits
#11~#0: Instruction code bits
@7~@0: PCL bits


Similar Part No. - HT49C50-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49C50-1 HOLTEK-HT49C50-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49C50-1 HOLTEK-HT49C50-1 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49C50-1 HOLTEK-HT49C50-1_12 Datasheet
302Kb / 44P
   LCD Type 8-Bit MCU
More results

Similar Description - HT49C50-1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1 Datasheet
259Kb / 38P
   LCD Type 8-Bit MCU
HT49R30 HOLTEK-HT49R30 Datasheet
353Kb / 43P
   8-Bit LCD Type MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com