Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2573 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SK2573
Description  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2573 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK2573 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2573 Datasheet HTML 2Page - Panasonic Semiconductor 2SK2573 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Power F-MOS FETs
2SK2573
Area of safe operation (ASO)
PD  Ta
IAS
 L-load
ID  VGS
RDS(on)  ID
Ciss, Coss, Crss  VDS
| Yfs |  ID
ton, tf, td(off)  ID
050
40
10
30
20
0
16
12
4
10
14
8
2
6
V
DS=25V
T
C=25˚C
Drain current I
D
(A)
10–1
110
102
103
10–1
102
10
1
Non repetitive pulse
T
C=25˚C
t=1ms
10ms
100ms
DC
I
D
I
DP
Drain to source voltage V
DS
(V)
0
200
50
150
100
10
10000
1000
100
30
300
3000
C
iss
C
oss
C
rss
f=1MHz
T
C=25˚C
Drain to source voltage V
DS
(V)
10–2
10–1
110
10–1
102
10
1
E=20mJ
T
C=25˚C
L-load (mH)
010
8
26
4
0
30
25
20
15
10
5
V
DS=25V
T
C=25˚C
Gate to source voltage V
GS
(V)
0
160
40
120
80
140
20
100
60
0
160
120
40
100
140
80
20
60
P
D=3.0W
(1) T
C=Ta
(2) With a 100
× 100 × 2mm
Al heat sink
(3) Without heat sink
(1)
(2)
(3)
Ambient temperature Ta (˚C)
050
40
10
30
20
0
1.2
1.0
0.8
0.6
0.4
0.2
T
C=25˚C
V
GS=10V
15V
Drain current I
D
(A)
025
20
515
10
0
800
600
200
500
700
400
100
300
V
CC=150
V
GS=10V
T
C=25˚C
t
d(off)
t
on
t
f
Drain current I
D
(A)


Similar Part No. - 2SK2573

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2573 ISC-2SK2573 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2573

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com