Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS74FCT2828ATQ Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS74FCT2828ATQ
Description  HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS74FCT2828ATQ Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS74FCT2828ATQ Datasheet HTML 1Page - Integrated Device Technology IDTQS74FCT2828ATQ Datasheet HTML 2Page - Integrated Device Technology IDTQS74FCT2828ATQ Datasheet HTML 3Page - Integrated Device Technology IDTQS74FCT2828ATQ Datasheet HTML 4Page - Integrated Device Technology IDTQS74FCT2828ATQ Datasheet HTML 5Page - Integrated Device Technology IDTQS74FCT2828ATQ Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS74FCT2828AT/BT
HIGH-SPEEDCMOSBUSINTERFACE10-BITBUFFERS
FCT2828AT
FCT2828BT
Symbol
Parameter(2)
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
7.5
5
ns
tPHL
Dx to Yx
tPLH
PropagationDelay
17
14
ns
tPHL
Dx to Yx(2,3)
tPZH
OutputEnableTime
12
8
ns
tPZL
OEx to Yx
tPZH
OutputEnableTime
23
18
ns
tPZL
OEx to Yx(2,3)
tPHZ
OutputDisableTime
9
6
ns
tPLZ
OEx to Yx(2,4)
tPHZ
OutputDisableTime
10
7
ns
tPLZ
OEx to Yx(2)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
NOTES:
1. CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
2. This parameter is guaranteed by design but not tested.
3. CLOAD = 300pF.
4. CLOAD = 5pF.


Similar Part No. - IDTQS74FCT2828ATQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT2821AT IDT-IDTQS74FCT2821AT Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2821ATQ IDT-IDTQS74FCT2821ATQ Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2821ATSO IDT-IDTQS74FCT2821ATSO Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2821BTQ IDT-IDTQS74FCT2821BTQ Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
IDTQS74FCT2821BTSO IDT-IDTQS74FCT2821BTSO Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
More results

Similar Description - IDTQS74FCT2828ATQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS74FCT2827AT IDT-IDTQS74FCT2827AT Datasheet
55Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT BUFFER
IDTQS74FCT2841AT IDT-IDTQS74FCT2841AT Datasheet
55Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT LATCH
IDTQS74FCT2821AT IDT-IDTQS74FCT2821AT Datasheet
64Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 10-BIT REGISTER
logo
List of Unclassifed Man...
QS74FCT2X827T ETC1-QS74FCT2X827T Datasheet
77Kb / 2P
   HIGH SPEED CMOS BUS INTERFACE 20-BIT BUFFER IN QVSOP-TM
logo
Integrated Device Techn...
IDTQS74FCT2374T IDT-IDTQS74FCT2374T Datasheet
51Kb / 6P
   HIGH-SPEED CMOS BUS INTERFACE 8-BIT REGISTER
QS3384QG IDT-QS3384QG Datasheet
229Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS32384 IDT-IDTQS32384 Datasheet
41Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3384 IDT-IDTQS3384 Datasheet
47Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
QS3384PAG IDT-QS3384PAG Datasheet
218Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com