Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR18WD09-P Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FBR18WD09-P
Description  MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR18WD09-P Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FBR18WD09-P Datasheet HTML 1Page - Fujitsu Component Limited. FBR18WD09-P Datasheet HTML 2Page - Fujitsu Component Limited. FBR18WD09-P Datasheet HTML 3Page - Fujitsu Component Limited. FBR18WD09-P Datasheet HTML 4Page - Fujitsu Component Limited. FBR18WD09-P Datasheet HTML 5Page - Fujitsu Component Limited. FBR18WD09-P Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FBR18 SERIES
NOT
FOR
NEW
DESIGNS
FBR18ND/HD
TO
BE
DISCONTINIED
-
EXCEPT
FBR18WD
MODEL
Nominal
Nominal
Coil
current
Must
Must
Nominal
Operate
Coil
resistance (at nominal
operate
release
temperature
voltage
(
±10%)
voltage)
voltage*1
voltage*1
power
power
rise
Standard
-P type
approx.
FBR18ND03
FBR18ND03-P
3 VDC
64.3
46 mA
FBR18ND04
FBR18ND04-P
4.5 VDC
145
31 mA
FBR18ND05
FBR18ND05-P
5 VDC
178
28 mA
75% max. 10% min.
Approx.
Approx.
Approx.
of nominal of nominal
0.14 W
0.08 W
20 deg
FBR18ND06
FBR18ND06-P
6 VDC
257
23 mA
(at nominal
(at nominal
voltage
voltage
voltage)
Max.
voltage)
FBR18ND09
FBR18ND09-P
9 VDC
579
15 mA
FBR18ND12
FBR18ND12-P
12 VDC
1,028
11 mA
FBR18ND24
FBR18ND24-P
24 VDC
2,880
8 mA
0.2 W
0.112 W
30 deg
s COIL DATA CHART
*1: Specified values are subject to pulse wave voltage.
Note: All values in the table are measured at 20
°C.
s CHARACTERISTIC DATA
Life curve
500
Contact load current (A)
50
5
10
1
100
(x104)
0.5
1.0
1.5
2.0
Maximum switching capacity
Contact load voltage (V)
0.1
10
20
125
200
30
50
0.2
0.3
0.5
1.0
2.0
Œ
Range of operation temperature and voltage
Operating temperature (˚C)
–10 0 1020304050607080
70
80
90
100
110
120
130
140
150
160
ΠAC resistive load
(
AC contact rating)
 DC resistive load
(
DC contact rating)
Operating voltage range
Must
operate
voltage
(DATA) assumes that
the maximum allow-
able temperature of
E type insulation
coil is 115˚C

(–P)TYPE
(–P)TYPE
30 V DC resistive load
125 V AC
resistive load
MODEL
Nominal
Coil
Must
Must
Nominal
Operate
Coil
resistance
operate
release
temperature
voltage
(
±10%)
voltage*1
voltage*1
power
power
rise
Standard
-P type
FBR18WD03
FBR18WD03-P
3 VDC
39
FBR18WD04
FBR18WD04-P
4.5 VDC
88
FBR18WD05
FBR18WD05-P
5 VDC
108
75% max. 10% min.
Approx.
Approx.
Approx.
of nominal of nominal
0.23 W
0.13 W
30 deg
FBR18WD06
FBR18WD06-P
6 VDC
156
(at nominal
(at nominal
voltage
voltage
voltage)
Max.
voltage)
FBR18WD09
FBR18WD09-P
9 VDC
352
FBR18WD12
FBR18WD12-P
12 VDC
626
FBR18WD24
FBR18WD24-P
24 VDC
2,304
0.25 W
0.14W
33 deg
*1: Specified values are subject to pulse wave voltage.
Note: All values in the table are measured at 20
°C.
FBR-18 W type
FBR-18 N type


Similar Part No. - FBR18WD09-P

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR1000 EIC-FBR1000 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
logo
Edal Industries, Inc.
FBR1000 EDAL-FBR1000 Datasheet
82Kb / 1P
   Silicon Fast Recovery Bridge Rectifier
logo
EIC discrete Semiconduc...
FBR1000 EIC-FBR1000 Datasheet
48Kb / 2P
   FAST RECOVERY
FBR1000 EIC-FBR1000_05 Datasheet
48Kb / 2P
   FAST RECOVERY
FBR1001 EIC-FBR1001 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FBR18WD09-P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com