Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR18WD24 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR18WD24
Description  MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR18WD24 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR18WD24 Datasheet HTML 1Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 2Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 3Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 4Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 5Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
s FEATURES
q
2 form C small size,surface mounting relay.
q
Super miniature size: 0.2 inch
× 0.1 inch grid, 12 pin DIP
Up to 50% less volume and board area than previous
generation telecom relay.
q
UL, CSA recognized.
q
High dielectric and surge strength:
2.5 KV surge (per Bellcore TA-NWT-001089)
1.5 KV surge (per FCC part 68)
1,000 Vrms, open contacts
q
Low power consumption: 80 mW operate
140 mW nominal
q
Tape and reel packing for automatic mounting.
(a)
Series Name
FBR18 : FBR18 Series [2 pole double throw (2 form C)]
(b)
Enclosure
N
: Plastic sealed (washable type)
(c)
Coil Type
D
: DC coil
(d)
Nominal Voltage
Refer to the COIL DATA CHART
(e)
Contact Material
Nil
: Gold-overlay silver-nickel
–P
: Gold-overlay silver-palladium
(f)
Terminal
Nil
: Standard
–M
: High density mounting
(g)
Custom Designation
To be assigned custom specification
(h)
CSA Standard
–CSA: UL114 + CSA recognized
(i)
Packing
Nil
: Tape and reel (500 pieces/tape and reel)
Note: The designation name is stamped on the top of the relay case as follows:
(Example) designation ordered : FBR18ND05
Stamp : 18ND05
FBR18 SERIES
MINIATURE RELAY (SURFACE MOUNT TYPE)
2 POLES—1 to 2 A (FOR SIGNAL SWITCHING)
s SAFETY STANDARD AND FILE NUMBERS
UL508, 1950, 114 (File No. E63615)
C22.2 No. 0, No. 14 (File No. LR40304 or LR64026)
Nominal voltage
Contact rating
2 A 30 VDC resistive
3 to 24 VDC
0.3 A 110 VDC
resistive
0.5 A 125 VAC
resistive
s ORDERING INFORMATION
FBR18 N
D
12
–P –M –**
(–CSA) –s
s
[Example]
(a)
(b)
(c)
(d)
(e)
(f )
(g)
(h)
(i)
NOT
FOR
NEW
DESIGNS
FBR18ND/HD
TO
BE
DISCONTINIED
-
EXCEPT
FBR18WD


Similar Part No. - FBR18WD24

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR1000 EIC-FBR1000 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
logo
Edal Industries, Inc.
FBR1000 EDAL-FBR1000 Datasheet
82Kb / 1P
   Silicon Fast Recovery Bridge Rectifier
logo
EIC discrete Semiconduc...
FBR1000 EIC-FBR1000 Datasheet
48Kb / 2P
   FAST RECOVERY
FBR1000 EIC-FBR1000_05 Datasheet
48Kb / 2P
   FAST RECOVERY
FBR1001 EIC-FBR1001 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FBR18WD24

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com