Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR18WD24 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FBR18WD24
Description  MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR18WD24 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FBR18WD24 Datasheet HTML 1Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 2Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 3Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 4Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 5Page - Fujitsu Component Limited. FBR18WD24 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
FBR18 SERIES
NOT
FOR
NEW
DESIGNS
FBR18ND/HD
TO
BE
DISCONTINIED
-
EXCEPT
FBR18WD
s SPECIFICATIONS
Item
Standard (Gold-overlay silver-nickel)
-P type (Gold-overlay silver-palladium)
Contact
Arrangement
2 form C (DPDT)
Material
Gold-overlay silver-nickel
Gold-overlay silver-palladium
Style
Bifurcated
Resistance (initial)
Maximum 100 m
Ω (at 0.1 A 6 VDC)
Rating (resistive)
0.5 A 125 VAC or 1 A 30 VDC
Maximum Carrying Current
2 A (at 20
°C)
Maximum Switching Power
62.5 VA or 60 W
Max. Switching Voltage*1
250 VAC or 220 VDC
Maximum Switching Current
2 A
Minimum Switching Load*2
0.01 mA 10 mVDC (reference)
Capacitance
Approximately 1.0 pF (between open contacts, adjacent contacts )
(at 10 kHz)
Approximately 1.0 pF (between coil and contacts)
Coil
Nominal Power (at 20
°C)
Approximately 0.14 W (0.2 W for 24 V coil)
Operate Power (at 20
°C)
Maximum 0.08 W (0.112 W for 24 V coil)
Thermal Resistance at
Approximately 115
°C/W
Continuous Thermal Load
Operating Temperature
–40
°C to +85°C (no frost) (refer to the CHARACTERISTIC DATA)
Operating Humidity
45 to 85%RH
Time Value
Operate (at nominal voltage)
Maximum 4 msec.
Release (at nominal voltage)
Maximum 4 msec.
Max. Switching Frequency
Mechanical 3 Hz or electrical 0.5 Hz (at contact rating)
Insulation
Resistance (initial)
Minimum 1,000 M
Ω (at 500 VDC)
Dielectric between open contacts
1,000 VAC
Strength
adjacent contacts
1 minimum
between coil and contacts
1,500 VAC 1 minimum
Surge
between open
1,500 V
Strength contacts,
(at 10
× 700 µs)
adjacent contact
between coil and contacts
2,500 V
(at 2
× 10 µs)
Life
Mechanical
1
× 108 operations minimum
Electrical
DC
2
× 105 operations minimum
5
× 105 operations minimum
(at contact rating)
AC
1
× 105 operations minimum
2
× 105 operations minimum
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.5 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 3.0 mm)
Shock
Misoperation
500 m/s2 (11
±1 ms)
Resistance
Endurance
1,000 m/s2 (11
±1 ms)
Weight
Approximately 1.9 g
*1 If the switching voltage exceeds the rated contact voltage, reduce the current. The current values vary according to the
type of load.
*2 Values when switching a resistive load at normal room temperature and humidity and in a clean atmosphere. The mini-
mum switching load varies with the switching frequency and operation environment.
1,500
750
10
700
2,500
1,250
210


Similar Part No. - FBR18WD24

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR1000 EIC-FBR1000 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
logo
Edal Industries, Inc.
FBR1000 EDAL-FBR1000 Datasheet
82Kb / 1P
   Silicon Fast Recovery Bridge Rectifier
logo
EIC discrete Semiconduc...
FBR1000 EIC-FBR1000 Datasheet
48Kb / 2P
   FAST RECOVERY
FBR1000 EIC-FBR1000_05 Datasheet
48Kb / 2P
   FAST RECOVERY
FBR1001 EIC-FBR1001 Datasheet
19Kb / 2P
   FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FBR18WD24

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NASL-D12W-KB05 FUJITSU-NASL-D12W-KB05 Datasheet
52Kb / 5P
   MINIATURE RELAY (SURFACE MOUNT TYPE) 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com