Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74ST1G32CX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74ST1G32CX
Description  SOTiny-TM Logic 2-Input OR Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ST1G32CX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74ST1G32CX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ST1G32CX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ST1G32CX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ST1G32CX Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8518C
08/08/01
AIN
GND
VCC
YOUT
BIN
1
2
4
5
3
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
SOTiny™ Gate ST
2-Input OR
Features
• High-speed: tPD = 1.8ns typical
• Broad operating range: VCC=1.8V–3.6V
• Power down high-impedance inputs/outputs
• High output drive: ±24mA at 3V VCC
• Package: 5-pin space saving SOT23 and SC70
Description
ThePI74ST1G32isa2-inputORgatethatoperatesoverthe1.8Vto
3.6V VCC operating range.
Pericom’s PI74ST series of products are produced using the
Company’s advanced submicron technology.
PI74ST1G32
BlockDiagram
Pinout
s
t
u
p
n
It
u
p
t
u
O
A N
I
B N
I
Y T
U
O
L
L
H
H
L
H
L
H
L
H
H
H
FunctionTable
Notes:
H = HIGH Logic Level
L = LOW Logic Level
PinDescription
s
e
m
a
N
n
i
Pn
o
it
p
i
r
c
s
e
D
A N
I
t
u
p
n
I
B N
I
t
u
p
n
I
Y T
U
O
t
u
p
t
u
O
5-Pin
T,C
RecommendedOperatingConditions(1)
Note:
1. Unused inputs must be held HIGH or LOW. They may not
float.
r
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C.
n
i
M.
x
a
Ms
ti
n
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C )8
.
16
.
3
V
V
(
e
g
a
tl
o
V
t
u
p
n
I
N
I )0
5
.
5
V
(
e
g
a
tl
o
V
t
u
p
t
u
O
T
U
O )0
V C
C
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
–5
8C
°
d
n
a
e
si
R
t
u
p
n
I
t(
e
m
i
T
ll
a
F
r t
, f)
V C
C
,
V
8
.
1
=
V
2
.
0
±
V
5
.
2
00
2
V
/
s
n
V C
C
,
V
3
.
3
=
V
3
.
0
±
00
1
AIN
BIN
YOUT


Similar Part No. - PI74ST1G32CX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
PI74ST1G00CX PERICOM-PI74ST1G00CX Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
PI74ST1G00TX PERICOM-PI74ST1G00TX Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
   SOTiny Logic 2-Input NOR Gate
PI74ST1G02CX PERICOM-PI74ST1G02CX Datasheet
331Kb / 4P
   SOTiny Logic 2-Input NOR Gate
More results

Similar Description - PI74ST1G32CX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
   SOTiny Logic 2-Input NOR Gate
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
PI74ST1G86 PERICOM-PI74ST1G86 Datasheet
154Kb / 4P
   SOTiny Gate ST 2-Input Exclusive OR
PI74STX1G08 PERICOM-PI74STX1G08 Datasheet
154Kb / 4P
   SOTiny Gate STX 2-Input
PI74STX1G08CEX PERICOM-PI74STX1G08CEX Datasheet
538Kb / 5P
   SOTiny Gate STX 2-Input
PI74ST1G08 PERICOM-PI74ST1G08 Datasheet
317Kb / 5P
   SOTiny Gate ST 2-Input
PI74STX1G02 PERICOM-PI74STX1G02 Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74STX1GT08 PERICOM-PI74STX1GT08 Datasheet
160Kb / 4P
   SOTiny Gate STX 2-Input AND
PI74STX2G08 PERICOM-PI74STX2G08 Datasheet
174Kb / 5P
   SOTiny Gate STX Dual 2-Input AND
logo
ELM Technology Corporat...
ELM7S32B ELM-TECH-ELM7S32B Datasheet
277Kb / 3P
   CMOS LOGIC IC 2-input OR gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com