Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2309NZ Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT2309NZ
Description  NINE OUTPUT 3.3V CLOCK BUFFER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2309NZ Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT2309NZ Datasheet HTML 1Page - Integrated Device Technology IDT2309NZ Datasheet HTML 2Page - Integrated Device Technology IDT2309NZ Datasheet HTML 3Page - Integrated Device Technology IDT2309NZ Datasheet HTML 4Page - Integrated Device Technology IDT2309NZ Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2309NZ
NINE OUTPUT 3.3V CLOCK BUFFER
2V
0.8V
t3
t4
0.8V
3.3V
0V
2V
Output
Input
VDD/2
t6
Output
VDD/2
Output
1.4V
1.4V
t5
VDD
OUTPUTS
CLKOUT
CLOAD
GND
0.1
µF
All Outputs Rise/Fall Time
Input to Output Propagation Delay
Output to Output Skew
SWITCHING WAVEFORMS
TEST CIRCUIT
SWITCHING CHARACTERISTICS - INDUSTRIAL
(1)
Symbol
Parameter(2)
Conditions
Min.
Typ.
Max.
Unit
t3
Rise Time
Measured between 0.8V and 2V
1.5
ns
t4
Fall Time
Measured between 0.8V and 2V
1.5
ns
t5
Output to Output Skew
Alloutputsequallyloaded
250
ps
t6
Propagation Delay, BUF_IN Rising Edge
Measured at VDD/2
1
5
8.7
ns
to OUTPUT Rising Edge
NOTES:
1. All parameters specified with loaded outputs.
2. Parameter is guaranteed by design but not production tested.


Similar Part No. - IDT2309NZ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
IDT2309NZ RENESAS-IDT2309NZ Datasheet
292Kb / 6P
   NINE OUTPUT 3.3V CLOCK BUFFER
MAY 2010
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
More results

Similar Description - IDT2309NZ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309NZ IDT-IDT2309NZ_10 Datasheet
126Kb / 5P
   NINE OUTPUT 3.3V CLOCK BUFFER
logo
Renesas Technology Corp
IDT2309NZ RENESAS-IDT2309NZ Datasheet
292Kb / 6P
   NINE OUTPUT 3.3V CLOCK BUFFER
MAY 2010
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ Datasheet
115Kb / 5P
   Nine-Output 3.3V Buffer
logo
PulseCore Semiconductor
PCS2P2309NZ PULSECORE-PCS2P2309NZ Datasheet
391Kb / 9P
   Nine Output 3.3V Buffer
logo
Alliance Semiconductor ...
ASM2P2309NZ ALSC-ASM2P2309NZ Datasheet
398Kb / 9P
   Nine Output 3.3V Buffer
ASM5P2309NZ ALSC-ASM5P2309NZ Datasheet
392Kb / 9P
   Nine Output 3.3V Buffer
logo
Cypress Semiconductor
CY2309NZ CYPRESS-CY2309NZ_08 Datasheet
203Kb / 6P
   Nine-Output 3.3V Buffer
logo
Renesas Technology Corp
IDT2305NZ RENESAS-IDT2305NZ Datasheet
279Kb / 7P
   FIVE OUTPUT 3.3V CLOCK BUFFER
FEB. 2017
logo
Integrated Device Techn...
2305NZ-1HDCG IDT-2305NZ-1HDCG Datasheet
120Kb / 5P
   FIVE OUTPUT 3.3V CLOCK BUFFER
2305NZ IDT-2305NZ_17 Datasheet
112Kb / 6P
   FIVE OUTPUT 3.3V CLOCK BUFFER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com