Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPDH4N03LAG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPDH4N03LAG
Description  OPTIMOS 2 POWER - TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPDH4N03LAG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPDH4N03LAG Datasheet HTML 1Page - Infineon Technologies AG IPDH4N03LAG Datasheet HTML 2Page - Infineon Technologies AG IPDH4N03LAG Datasheet HTML 3Page - Infineon Technologies AG IPDH4N03LAG Datasheet HTML 4Page - Infineon Technologies AG IPDH4N03LAG Datasheet HTML 5Page - Infineon Technologies AG IPDH4N03LAG Datasheet HTML 6Page - Infineon Technologies AG IPDH4N03LAG Datasheet HTML 7Page - Infineon Technologies AG IPDH4N03LAG Datasheet HTML 8Page - Infineon Technologies AG IPDH4N03LAG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPDH4N03LA G
IPSH4N03LA G
OptiMOS®2 Power-Transistor
Features
• Ideal for high-frequency dc/dc converters
• Qualified according to JEDEC
1) for target applications
• N-channel, logic level
• Excellent gate charge x R DS(on) product (FOM)
• Superior thermal resistance
• 175 °C operating temperature
• Pb-free lead plating; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
2)
90
A
T C=100 °C
77
Pulsed drain current
I D,pulse
T C=25 °C
3)
360
Avalanche energy, single pulse
E AS
I D=90 A, R GS=25 Ω
150
mJ
Reverse diode dv /dt
dv /dt
I D=90 A, V DS=20 V,
di /dt =200 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
4)
V GS
±20
V
Power dissipation
P tot
T C=25 °C
94
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
V DS
25
V
R DS(on),max (SMD Version)
4.2
m
I D
90
A
Product Summary
Type
IPDH4N03LA G
IPSH4N03LA G
Package
P-TO252-3-11
P-TO251-3-11
Ordering Code
Q67042-S4250
Q67042-S4254
Marking
H4N03LA
H4N03LA
Rev. 0.92 - target data sheet
page 1
2004-10-27


Similar Part No. - IPDH4N03LAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPDH5N03LA INFINEON-IPDH5N03LA Datasheet
325Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.3 2006-05-11
IPDH5N03LAG INFINEON-IPDH5N03LAG Datasheet
325Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.3 2006-05-11
IPDH6N03LA INFINEON-IPDH6N03LA Datasheet
542Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.5 2008-04-14
IPDH6N03LAG INFINEON-IPDH6N03LAG Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 1.3 2006-05-11
IPDH6N03LAG INFINEON-IPDH6N03LAG Datasheet
542Kb / 12P
   OptiMOS Power-Transistor Feature Enhancement mode Logic Level Avalanche rated
Rev. 1.5 2008-04-14
More results

Similar Description - IPDH4N03LAG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB05N03LA INFINEON-IPB05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPB14N03LA INFINEON-IPB14N03LA Datasheet
346Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPD04N03LA INFINEON-IPD04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPF06N03LA INFINEON-IPF06N03LA Datasheet
223Kb / 9P
   OptiMOS 2 Power-Transistor
2003-12-19
IPD03N03LB INFINEON-IPD03N03LB Datasheet
304Kb / 9P
   OptiMOS 2 Power-Transistor
Rev. 1.11 2004-12-16
IPB09N03LA INFINEON-IPB09N03LA Datasheet
347Kb / 10P
   OptiMOS 2 Power-Transistor
2003-12-18
IPI03N03LA INFINEON-IPI03N03LA Datasheet
317Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.4 2004-02-05
IPI04N03LA INFINEON-IPI04N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
Rev. 1.3 2003-12-18
IPI05N03LA INFINEON-IPI05N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-03-23
IPS09N03LA INFINEON-IPS09N03LA Datasheet
434Kb / 11P
   OptiMOS 2 Power-Transistor
2004-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com