Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9483 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9483
Description  Dual-Output, Multimode CD-RW/DVD Laser-Diode Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9483 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9483 Datasheet HTML 1Page - Maxim Integrated Products MAX9483 Datasheet HTML 2Page - Maxim Integrated Products MAX9483 Datasheet HTML 3Page - Maxim Integrated Products MAX9483 Datasheet HTML 4Page - Maxim Integrated Products MAX9483 Datasheet HTML 5Page - Maxim Integrated Products MAX9483 Datasheet HTML 6Page - Maxim Integrated Products MAX9483 Datasheet HTML 7Page - Maxim Integrated Products MAX9483 Datasheet HTML 8Page - Maxim Integrated Products MAX9483 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX9483/MAX9484 high-performance, multimode,
laser-diode drivers (LDDs) are designed for CD and
DVD combination pickup heads. The drivers consist of
three input channels, an RF oscillator, and two preci-
sion current-amplifier outputs to drive the CD and DVD
laser diodes. The MAX9483/MAX9484 support multiple
CD and DVD read/write standards, such as CD-R/RW,
DVD-R, DVD+R, DVD-RW, DVD+RW, and DVD-RAM by
choosing the writing control signals and input currents
on these input channels. The peak total output current
is 400mA with a current gain of 100 at each channel.
External resistors set the oscillation frequency and out-
put swing. The MAX9484 features an extra resistor
input allowing the oscillation frequencies of the two out-
puts to be set separately. Additionally, the MAX9484
allows the writing control signals to be received in low-
voltage differential signal (LVDS) mode or single-ended
mode to provide reliable high-speed writing.
The MAX9483 is offered in 16-pin QSOP and 4mm x 4mm
16-pin thin QFN packages. The MAX9484 is offered in a
4mm x 4mm 20-pin thin QFN package. Both devices are
specified for 4.5V to 5.5V supply and 0°C to +70°C tem-
perature range.
Applications
Laser Diode Driver for CD-RW and DVD
Combos: CD-R/RW, DVD-R, DVD+R, DVD-RW,
DVD+RW, DVD-RAM
DVD Video Recorders
High-Power and High-Speed Laser-Writable
Device Drivers
Features
♦ Dual Output Ports with Three Controlled-Current
Channels
♦ Support Various Laser-Diode Driver Standards
CD-R/RW, DVD-R, DVD+R, DVD-RW, DVD+RW,
DVD-RAM, and DVD Video
♦ MAX9483 is Pin and Function Compatible
with ATMEL T0806
♦ Independent Frequency Setting for the
Two Output Ports (MAX9484)
♦ Accepts Differential (LVDS) or Single-Ended
Inputs for Writing Data (MAX9484)
♦ Enable Control
♦ High-Current Swing Up to 270mA for the Reading
Current
♦ High 400mA Total Peak Writing Current
♦ Adjustable Modulation Frequency from 100MHz
to 600MHz
♦ Fast Output-Current Pulse Rise and Fall Time
1.0ns (typ)
♦ 4.5V to 5.5V Single-Supply Voltage
♦ No External Reference Clock Required
♦ 0°C to +70°C Commercial Temperature Range
Dual-Output, Multimode
CD-RW/DVD Laser-Diode Drivers
________________________________________________________________ Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
VCC
OUT1
GND
RS1
RS2
OUT2
OUTSEL
VCC
TOP VIEW
MAX9483
QSOP
IN2
IN3
NE3
RF
NE2
ENABLE
ENOSC
Pin Configurations
Ordering Information
19-3265; Rev 0; 5/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX9483CEE
0°C to +70°C
16 QSOP
MAX9483CTE*
0°C to +70°C
16 Thin QFN
MAX9484CTP
0°C to +70°C
20 Thin QFN
*Future product—contact factory for availability.


Similar Part No. - MAX9483

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480 Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9480 MAXIM-MAX9480 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
MAX9480CUP MAXIM-MAX9480CUP Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9480EUP MAXIM-MAX9480EUP Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
MAX9480 MAXIM-MAX9480_05 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
More results

Similar Description - MAX9483

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40511 ZARLINK-ZL40511 Datasheet
3Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40510 ZARLINK-ZL40510_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40511 ZARLINK-ZL40511_06 Datasheet
1Mb / 30P
   Dual Output DVD and CD 4 Channel Laser Diode Drivers
ZL40539 ZARLINK-ZL40539 Datasheet
538Kb / 26P
   Dual Output CD and DVD 4 Channel Laser Diode Driver
logo
Global Mixed-mode Techn...
G569C GMT-G569C Datasheet
178Kb / 11P
   CD-RW Laser Diode Current Driver
logo
ON Semiconductor
LV8282PV ONSEMI-LV8282PV Datasheet
195Kb / 14P
   CD/DVD-ROM/RW 4.5ch Driver
April, 2018 ??Rev. 1
logo
Rohm
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
   Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
logo
Sharp Corporation
LT051PS SHARP-LT051PS Datasheet
43Kb / 3P
   High Power Red Laser Diode for DVD-R/DVD-RW Drive(635nm-30mW)
logo
ATMEL Corporation
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
   3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com