Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM31096SA12SOTY Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PDM31096SA12SOTY
Description  4 Megabit 3.3V Static RAM 512K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM31096SA12SOTY Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PDM31096SA12SOTY Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM31096SA12SOTY Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM31096SA12SOTY Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM31096SA12SOTY Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM31096SA12SOTY Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM31096SA12SOTY Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM31096SA12SOTY Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM31096SA12SOTY Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PDM31096
Rev. 2.4 - 5/27/98
7
1
2
3
4
5
6
7
8
9
10
11
12
PRELIMINARY
Write Cycle No. 3 (Chip Enable Controlled)
AC Electrical Characteristics
* VCC = 3.3V +5%
NOTES: (For two previous Electrical Characteristics tables)
1. The parameter is tested with CL = 5 pF as shown in Figure 2. Transition is measured
±200 mV from steady state voltage.
2. At any given temperature and voltage condition, tHZCE is less than tLZCE.
3. This parameter is sampled.
4. WE is high for a READ cycle.
5. The device is continuously selected. All the Chip Enables are held in their active state.
6. The address is valid prior to or coincident with the latest occuring Chip Enable.
Description
-8*
-10*
-12
-15
-20
WRITE Cycle
Sym
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Units
WRITE cycle time
tWC
8
10—12—15—20—
ns
Chip enable to end of write
tCW
8
10—10—11—13—
ns
Address valid to end of write
tAW
8
10—10—11—13—
ns
Address setup time
tAS
0—0—0—0—0—
ns
Address hold from end of write
tAH
0—0—0—0—0—
ns
Write pulse width
tWP
7—8—8—9—
10
ns
Data setup time
tDS
5—6—7—8—9—
ns
Data hold time
tDH
0—0—0—0—0—
ns
Write disable to output in low Z(1,3)
tLZWE
0—0—0—0—0—
ns
Write enable to output in high Z(1,3)
tHZWE
—4
5—6—7—9
ns
NOTE: Output Enable (OE) is inactive (high)
tWC
tAW
tWP
tCW
tAH
tAS
tDH
tDS
ADDR
CE
WE
DOUT
HIGH-Z
DIN
DATA VALID


Similar Part No. - PDM31096SA12SOTY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SO ETC1-PDM31584SA10SO Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOA ETC1-PDM31584SA10SOA Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOATR ETC1-PDM31584SA10SOATR Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
PDM31584SA10SOATY ETC1-PDM31584SA10SOATY Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
More results

Similar Description - PDM31096SA12SOTY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V424 IDT-IDT71V424 Datasheet
19Kb / 9P
   3.3V CMOS STATIC RAM 4 MEG (512K x 8-BIT)
71V424S15YGI IDT-71V424S15YGI Datasheet
128Kb / 9P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
logo
Renesas Technology Corp
71V424 RENESAS-71V424 Datasheet
189Kb / 11P
   3.3V CMOS Static RAM 4 Meg (512K x 8-Bit)
May.04.21
logo
Cypress Semiconductor
CY62148B CYPRESS-CY62148B_06 Datasheet
338Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN_09 Datasheet
334Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_09 Datasheet
867Kb / 12P
   4-Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_10 Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
CY7C1049CV33 CYPRESS-CY7C1049CV33_05 Datasheet
206Kb / 11P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33 CYPRESS-CY7C1049DV33_07 Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY62148BN CYPRESS-CY62148BN Datasheet
525Kb / 9P
   4-Mbit (512K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com