Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62443SP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M62443SP
Description  SOUND CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62443SP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M62443SP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62443SP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62443SP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62443SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62443SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62443SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62443SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62443SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M62443SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MITSUBISHI SOUND PROCESSOR
M62443SP/FP
SOUND CONTROLLER
PRELIMINARY
Notice
; This
is not
a final
specification.
some
parametric
limits
are
subject
to change.
ELECTRIC
MITSUBISHI
(
/
)
16
OUTLINE
M62443SP/FP is the tone and volume controller
with 4 input selector.
This IC can apply the broad application because of
low noise and distortion.
FEATURE
•TONE(Bass/Treble) control and 1dB step
volume control are enabled .
•Low noise and low distortion .
VNO= 4.5µVrms, THD=0.1% max
•4 Input selector.
•Controlling by 2 Line serial data .
•Mini-Stereo , etc
•Supply voltage range
5.5~9.5V
(analog)
4.5~5.5V (digital)
•Rated supply voltage
9V
(analog)
5V (digital)
Tone and Volume Controller with 4 Input Selector
APPLICATION
RECOMMENDED OPERATING CONDITION
1
TONE CONTROL
BASS TREBLE
D
A
T
C
L
K
TONE CONTROL
VOLUME
Lch OUT
Rch OUT
BASS TREBLE
MPU
Lch IN1
Rch IN1
2
3
4
2
3
4
RECOUT
RECOUT
SYSTEM BLOCK DIAGRAM
VOLUME
PITCH : 1.778mm
SIZE : 19.0mmX6.3mmX3.3mm
(28pin Shrink DIP)
28 P 2 W-A( FP )
28 P 4 B ( SP )
PITCH : 1.27mm
SIZE :8.4mmX17.5mmX2.0mm
PACKAGE OUTLINE


Similar Part No. - M62443SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62443SP RENESAS-M62443SP Datasheet
4Mb / 17P
   SOUND CONTROLLER
More results

Similar Description - M62443SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62421SP MITSUBISHI-M62421SP Datasheet
111Kb / 16P
   SOUND CONTROLLER
logo
Generalplus Technology ...
GPC11001A GENERALPLUS-GPC11001A Datasheet
279Kb / 16P
   Sound Controller
logo
Renesas Technology Corp
M62443SP RENESAS-M62443SP Datasheet
4Mb / 17P
   SOUND CONTROLLER
logo
Mitsubishi Electric Sem...
M62428FP MITSUBISHI-M62428FP Datasheet
169Kb / 18P
   DIGITAL SOUND CONTROLLER
M62493FP MITSUBISHI-M62493FP Datasheet
578Kb / 18P
   DIGITAL SOUND CONTROLLER
logo
Rohm
BD3881FV ROHM-BD3881FV_1 Datasheet
340Kb / 6P
   Audio sound controller
logo
List of Unclassifed Man...
SPC11A ETC-SPC11A Datasheet
563Kb / 14P
   12KB Sound Controller
logo
Generalplus Technology ...
GPC41A3 GENERALPLUS-GPC41A3 Datasheet
268Kb / 14P
   40KB Sound Controller
logo
Rohm
BD3861FS ROHM-BD3861FS Datasheet
149Kb / 14P
   Audio sound controller
logo
List of Unclassifed Man...
SPC81A ETC2-SPC81A Datasheet
664Kb / 18P
   80KB Sound Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com