Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYNB40-800PT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CYNB40-800PT
Description  40Amp - 400/600/800/1000V - SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CYNB40-800PT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CYNB40-800PT Datasheet HTML 1Page - List of Unclassifed Manufacturers CYNB40-800PT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Millimeters
Inches
REF. Min.
Typ.
Max. Min.
Typ.
Max.
A
15.24
15.75
0.6
0.62
B
3.23
0.127
C
12.78
13.79
0.503
0.543
D
9.96
10.36
0.392
0.408
E
0.69
0.94
0.027
0.037
F
1.22
1.32
0.048
0.052
G
4.62
4.83
0.182
0.19
H
0.46
0.61
0.018
0.024
I
2.49
2.84
0.098
0.112
J
2.39
2.69
0.094
0.106
K
6.48
6.88
0.255
0.271
L
3.78
3.89
0.149
0.153
M
15.49 16
16.51
0.61
0.63
0.65
N
2.59
2.9
0.102
0.114
O
0.99
1.55
0.039
0.061
P
0.99
1.55
0.039
0.061
Q
2.67
0.105
Weight: 2.3g (0.08 oz)
Q
D
M
G
F
C
O
I
P
E
B
A
K
N
L
J
H
CYNB40
40Amp - 400/600/800/1000V - SCR
USA
Sales Support (877) 502-5500
Tech Support (877) 702-7700
Fax (619) 710-8540
Email: sales@crydom.com
Crydom Corp
2320 Paseo de las Americas, Suite 201
San Diego, CA 92154
EUROPE - UK
Telephone +44 (0) 1202 365070
Fax +44 (0) 1202 365090
Email: intsales@crydom.com
Crydom International Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Germany
Telephone +49 (0) 180 3000 506
ASIA - Thailand
Telephone +66 (0)2 665 2517
Fax +66 (0)2 665 2588
Crydom Asia
18/8 Fico Place 12th Floor
Soi Sukhumvit 21 (Asoke)
Klongtoey Nua, Wattana
Bangkok, Thailand 10110
ISO9001 Certified
© 2005 Crydom Corp, All Rights Reserved. Specifications are subject to change without prior notice. Crydom and the Crydom logo are trademarks of Crydom Corp. CrydomCYN40_I0505.pdf
Thermal Resistances
SYMBOL
RATING
Junction to Case (AC)
TO-220AB
Rth(j-c)
1.0
˚C/W
Junction to Ambient
TO-220AB
Rth(j-a)
60
˚C/W
Part Number Designation
SERIES
Isolation Type
B: Non-Isolated
Rated Current
40: 40 Amp
Packaging
Blank: Bulk
PT: Plastic Tube
Maximum
Blocking Voltage
400: 400Vpk
600: 600Vpk
800: 800Vpk
1000: 1000Vpk
CYN
40
0
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
IT(AV) [A]
Fig. 1: Power dissipation versus average on-state current.
50
60
70
80
90
100
110
120
130
TC [˚C]
Fig. 2: RMS on-state current versus
case temperature (full cycle)
V
TM [V]
Fig. 3: On-state current versus
on-state voltage (instantaneous values)
1
10
100
1000
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state
current versus number of cycles.
Non-Repetitive
Tj initial = 25
∞C
1.0
10.0
100.0
1000.0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
48
40
32
24
16
8
0
600
550
500
100
80
40
10
20
Approvals
UL - E72445


Similar Part No. - CYNB40-800PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYNB25-1000 ETC1-CYNB25-1000 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB25-1000PT ETC1-CYNB25-1000PT Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB25-400 ETC1-CYNB25-400 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB25-400PT ETC1-CYNB25-400PT Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CYNB25-600 ETC1-CYNB25-600 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
More results

Similar Description - CYNB40-800PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CYNB55 ETC1-CYNB55 Datasheet
223Kb / 2P
   55Amp - 400/600/800/1000V - SCR
CYNA25 ETC1-CYNA25 Datasheet
199Kb / 2P
   25Amp - 400/600/800/1000V - SCR
CTA24 ETC1-CTA24 Datasheet
235Kb / 2P
   24Amp - 400/600/800/1000V - TRIAC
CTA08 ETC1-CTA08 Datasheet
206Kb / 2P
   8Amp - 400/600/800/1000V - TRIAC
CTA06 ETC1-CTA06 Datasheet
208Kb / 2P
   6Amp - 400/600/800/1000V - TRIAC
CTA16 ETC1-CTA16 Datasheet
209Kb / 2P
   16Amp - 400/600/800/1000V - TRIAC
CTB40 ETC1-CTB40 Datasheet
257Kb / 2P
   High Temperature 150째C Series 40Amp - 400/600/800V - TRIAC
CRNA20 ETC1-CRNA20 Datasheet
107Kb / 2P
   20Amp - 400/600/800/1200V - RECTIFIER
logo
Central Semiconductor C...
CS89M CENTRAL-CS89M Datasheet
74Kb / 2P
   0.8 AMP SCR 600 THRU 800 VOLTS
logo
List of Unclassifed Man...
CRNA15 ETC1-CRNA15 Datasheet
107Kb / 2P
   15Amp - 400/600/800/1200V - RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com